Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6602BCR Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP6602BCR
Description  Dual Channel Synchronous Rectified Buck MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6602BCR Datasheet(HTML) 5 Page - Intersil Corporation

  HIP6602BCR Datasheet HTML 1Page - Intersil Corporation HIP6602BCR Datasheet HTML 2Page - Intersil Corporation HIP6602BCR Datasheet HTML 3Page - Intersil Corporation HIP6602BCR Datasheet HTML 4Page - Intersil Corporation HIP6602BCR Datasheet HTML 5Page - Intersil Corporation HIP6602BCR Datasheet HTML 6Page - Intersil Corporation HIP6602BCR Datasheet HTML 7Page - Intersil Corporation HIP6602BCR Datasheet HTML 8Page - Intersil Corporation HIP6602BCR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN9076.5
July 22, 2005
Absolute Maximum Ratings
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
Supply Voltage (PVCC) . . . . . . . . . . . . . . . . . . . . . . . . . VCC + 0.3V
BOOT Voltage (VBOOT - VPHASE) . . . . . . . . . . . . . . . . . . . . . . .15V
Input Voltage (VPWM) . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 7V
UGATE. . . . . . .VPHASE - 5V(<400ns pulse width) to VBOOT + 0.3V
VPHASE -0.3V(>400ns pulse width) to VBOOT + 0.3V
LGATE . . . . . . . . . GND - 5V(<400ns pulse width) to VPVCC + 0.3V
GND -0.3V(>400ns pulse width) to VPVCC + 0.3V
PHASE. . . . . . . . . . . . . . . . . . GND -5V(<400ns pulse width) to 15V
GND -0.3V(>400ns pulse width) to 15V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . . 3kV
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . .200V
Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . 0°C to 85°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . 125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
±10%
Supply Voltage Range PVCC . . . . . . . . . . . . . . . . . . . . . 5V to 12V
Thermal Information
Thermal Resistance
θJA (°C/W) θJC (°C/W)
SOIC Package (Note 2) . . . . . . . . . . . .
68
N/A
QFN Package (Note 3). . . . . . . . . . . . .
36
6
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
For Recommended soldering conditions see Tech Brief TB389.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
2.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. θJC, the
“case temp” is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Recommended Operating Conditions, unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
fPWM = 500kHz, VPVCC = 12V
-
3.7
5.0
mA
Power Supply Current
IPVCC
fPWM = 500kHz, VPVCC = 12V
-
2.0
4.0
mA
POWER-ON RESET
VCC Rising Threshold
9.7
9.95
10.4
V
VCC Falling Threshold
7.3
7.6
8.0
V
PWM INPUT
Input Current
IPWM
VPWM = 0 or 5V (See Block Diagram)
-
500
-
µA
PWM Rising Threshold
VPVCC = 12V
-
3.6
-
V
PWM Falling Threshold
VPVCC = 12V
-
1.45
-
V
UGATE Rise Time
TRUGATE
VPVCC = VVCC = 12V, 3nF Load
-
20
-
ns
LGATE Rise Time
TRLGATE
VPVCC = VVCC = 12V, 3nF Load
-
50
-
ns
UGATE Fall Time
TFUGATE
VPVCC = VVCC = 12V, 3nF Load
-
20
-
ns
LGATE Fall Time
TFLGATE
VPVCC = VVCC = 12V, 3nF Load
-
20
-
ns
UGATE Turn-Off Propagation Delay
TPDLUGATE VPVCC = VVCC = 12V, 3nF Load
-
30
-
ns
LGATE Turn-Off Propagation Delay
TPDLLGATE VPVCC = VVCC = 12V, 3nF Load
-
20
-
ns
Shutdown Window
1.4
-
3.6
V
Shutdown Holdoff Time
-
230
-
ns
OUTPUT
Upper Drive Source Impedance
RUGATE
VVCC = 12V, VPVCC = 5V
-
1.7
3.0
VVCC = VPVCC = 12V
-
3.0
5.0
Upper Drive Sink Impedance
RUGATE
VVCC = 12V, VPVCC = 5V
-
2.3
4.0
VVCC = VPVCC = 12V
-
1.1
2.0
Lower Drive Source Current
ILGATE
VVCC = 12V, VPVCC = 5V
400
580
-
mA
VVCC = VPVCC = 12V
500
730
-
mA
Lower Drive Sink Impedance
RLGATE
VVCC = 12V, VPVCC = 5V or 12V
-
1.6
4.0
HIP6602B


Similar Part No. - HIP6602BCR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6602BCR RENESAS-HIP6602BCR Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602BCR-T RENESAS-HIP6602BCR-T Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602BCRZ RENESAS-HIP6602BCRZ Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602BCRZ-T RENESAS-HIP6602BCRZ-T Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602BCRZA RENESAS-HIP6602BCRZA Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - HIP6602BCR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9607 RICHTEK-RT9607 Datasheet
331Kb / 15P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Richtek Technology Corp...
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com