Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6602BCR-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP6602BCR-T
Description  Dual Channel Synchronous Rectified Buck MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6602BCR-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP6602BCR-T Datasheet HTML 2Page - Intersil Corporation HIP6602BCR-T Datasheet HTML 3Page - Intersil Corporation HIP6602BCR-T Datasheet HTML 4Page - Intersil Corporation HIP6602BCR-T Datasheet HTML 5Page - Intersil Corporation HIP6602BCR-T Datasheet HTML 6Page - Intersil Corporation HIP6602BCR-T Datasheet HTML 7Page - Intersil Corporation HIP6602BCR-T Datasheet HTML 8Page - Intersil Corporation HIP6602BCR-T Datasheet HTML 9Page - Intersil Corporation HIP6602BCR-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN9076.5
July 22, 2005
Functional Pin Descriptions
PWM1 (Pin 1) and PWM2 (Pin 2), (Pins 15 and 16
QFN)
The PWM signal is the control input for the driver. The PWM
signal can enter three distinct states during operation, see the
three-state PWM Input section under DESCRIPTION for further
details. Connect this pin to the PWM output of the controller.
GND (Pin 3), (Pin 1 QFN)
Bias and reference ground. All signals are referenced to
this node.
LGATE1 (Pin 4) and LGATE2 (Pin 7), (Pins 2 and
6QFN)
Lower gate drive outputs. Connect to gates of the low-side
power N-Channel MOSFETs.
PVCC (Pin 5), (Pin 3 QFN)
This pin supplies the upper and lower gate drivers bias.
Connect this pin from +12V down to +5V.
PGND (Pin 6), (Pin 4 QFN)
This pin is the power ground return for the lower gate
drivers.
PHASE2 (Pin 8) and PHASE1 (Pin 13), (Pins 7 and
13 QFN)
Connect these pins to the source of the upper MOSFETs
and the drain of the lower MOSFETs. The PHASE voltage is
monitored for adaptive shoot-through protection. These pins
also provide a return path for the upper gate drive.
UGATE2 (Pin 9) and UGATE1 (Pin 12), (Pins 9 and
12 QFN)
Upper gate drive outputs. Connect to gate of high-side
power N-Channel MOSFETs.
BOOT 2 (Pin 10) and BOOT 1 (Pin 11), (Pins 10 and
11 QFN)
Floating bootstrap supply pins for the upper gate drivers.
Connect a bootstrap capacitor between these pins and the
corresponding PHASE pin. The bootstrap capacitor provides
the charge to turn on the upper MOSFETs. A resistor in
series with boot capacitor is required in certain applications
to reduce ringing on the BOOT pin. See the Internal
Bootstrap Device section under DESCRIPTION for guidance
in choosing the appropriate resistor and capacitor value.
VCC (Pin 14), (Pin 14 QFN)
Connect this pin to a +12V bias supply. Place a high quality
bypass capacitor from this pin to GND. To prevent forward
biasing an internal diode, this pin should be more positive
then PVCC during converter start-up
Description
Operation
Designed for versatility and speed, the HIP6602B two channel,
dual MOSFET driver controls both high-side and low-side
N-Channel FETs from two externally provided PWM signals.
The upper and lower gates are held low until the driver is
initialized. Once the VCC voltage surpasses the VCC Rising
Threshold (See Electrical Specifications), the PWM signal
takes control of gate transitions. A rising edge on PWM
initiates the turn-off of the lower MOSFET (see Timing
Diagram). After a short propagation delay [TPDLLGATE], the
lower gate begins to fall. Typical fall times [TFLGATE] are
provided in the Electrical Specifications section. Adaptive
shoot-through circuitry monitors the LGATE voltage and
determines the upper gate delay time [TPDHUGATE] based
on how quickly the LGATE voltage drops below 2.2V. This
prevents both the lower and upper MOSFETs from
conducting simultaneously or shoot-through. Once this delay
period is complete the upper gate drive begins to rise
[TRUGATE] and the upper MOSFET turns on.
Timing Diagram.
PWM
UGATE
LGATE
TPDLLGATE
TFLGATE
TPDHUGATE
TRUGATE
TPDLUGATE
TFUGATE
TPDHLGATE
TRLGATE
HIP6602B


Similar Part No. - HIP6602BCR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6602BCR-T RENESAS-HIP6602BCR-T Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - HIP6602BCR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9607 RICHTEK-RT9607 Datasheet
331Kb / 15P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Richtek Technology Corp...
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com