Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6602BCRZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP6602BCRZ-T
Description  Dual Channel Synchronous Rectified Buck MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6602BCRZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP6602BCRZ-T Datasheet HTML 4Page - Intersil Corporation HIP6602BCRZ-T Datasheet HTML 5Page - Intersil Corporation HIP6602BCRZ-T Datasheet HTML 6Page - Intersil Corporation HIP6602BCRZ-T Datasheet HTML 7Page - Intersil Corporation HIP6602BCRZ-T Datasheet HTML 8Page - Intersil Corporation HIP6602BCRZ-T Datasheet HTML 9Page - Intersil Corporation HIP6602BCRZ-T Datasheet HTML 10Page - Intersil Corporation HIP6602BCRZ-T Datasheet HTML 11Page - Intersil Corporation HIP6602BCRZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN9076.5
July 22, 2005
ensure safe operation at the desired frequency for the
selected MOSFETs. The total chip power dissipation is
approximated as:
where fsw is the switching frequency of the PWM signal. QU
and QL is the upper and lower gate charge determined by
MOSFET selection and any external capacitance added to
the gate pins. The IDDQ VCC product is the quiescent power
of the driver and is typically 40mW.
The 1.05 term is a correction factor derived from the
following characterization. The base circuit for characterizing
the drivers for different loading profiles and frequencies is
provided. CU and CL are the upper and lower gate load
capacitors. Decoupling capacitors [0.15µF] are added to the
PVCC and VCC pins. The bootstrap capacitor value in the
test circuit is 0.01µF.
The power dissipation approximation is a result of power
transferred to and from the upper and lower gates. But, the
internal bootstrap device also dissipates power on-chip
during the refresh cycle. Expressing this power in terms of
the upper MOSFET total gate charge is explained below.
The bootstrap device conducts when the lower MOSFET or
its body diode conducts and pulls the PHASE node toward
GND. While the bootstrap device conducts, a current path is
formed that refreshes the bootstrap capacitor. Since the
upper gate is driving a MOSFET, the charge removed from
the bootstrap capacitor is equivalent to the total gate charge
of the MOSFET. Therefore, the refresh power required by
the bootstrap capacitor is equivalent to the power used to
charge the gate capacitance of the upper MOSFETs.
where QLOSS is the total charge removed from the bootstrap
capacitors and provided to the upper gate loads.
In Figure 2, CU and CL values are the same and frequency
is varied from 10kHz to 1.5MHz. PVCC and VCC are tied
together to a +12V supply.
Figure 3 shows the dissipation in the driver with 1nF loading
on both gates and each individually. Figure 4 is the same as
Figure 3 except the capacitance is increased to 3nF.
The impact of loading on power dissipation is shown in
Figure 5. Frequency is held constant while the gate
capacitors are varied from 1nF to 5nF. VCC and PVCC are
tied together and to a +12V supply. Figures 6, 7 and 8 show
the same characterization for PVCC tied to +5V instead of
+12V. The gate supply voltage, PVCC, within the HIP6602B
sets both upper and lower gate driver supplies at the same
5V level for the last three curves.
Test Circuit
P = 1.05 x fSW x VPVCC [ (QU1 + QU2) + (QL1 + QL2)] + IDDQ x VCC
3
2
_
P
REFRESH
f
SWQLOSS
V
PVCC
f
SW QU
V
PVCC
==
BOOT1
UGATE1
PHASE1
LGATE1
PWM1
PVCC
VCC
0.15µF
0.15µF
100k
2N7002
2N7002
0.01µF
CL
CU
+5V OR +12V
+12V
UGATE2
PHASE2
LGATE2
100k
2N7002
2N7002
CL
CU
0.01µF
PGND
PWM2
GND
BOOT2
+5V OR +12V
FIGURE 1. HIP6602B TEST CIRCUIT
HIP6602B


Similar Part No. - HIP6602BCRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6602BCRZ-T RENESAS-HIP6602BCRZ-T Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - HIP6602BCRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9607 RICHTEK-RT9607 Datasheet
331Kb / 15P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Richtek Technology Corp...
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com