Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT23S05-1HDC Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT23S05-1HDC
Description  3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT23S05-1HDC Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT23S05-1HDC Datasheet HTML 1Page - Integrated Device Technology IDT23S05-1HDC Datasheet HTML 2Page - Integrated Device Technology IDT23S05-1HDC Datasheet HTML 3Page - Integrated Device Technology IDT23S05-1HDC Datasheet HTML 4Page - Integrated Device Technology IDT23S05-1HDC Datasheet HTML 5Page - Integrated Device Technology IDT23S05-1HDC Datasheet HTML 6Page - Integrated Device Technology IDT23S05-1HDC Datasheet HTML 7Page - Integrated Device Technology IDT23S05-1HDC Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT23S05
3.3VZERODELAYCLOCKBUFFER,SPREADSPECTRUM
VDD
OUTPUTS
VDD
GND
GND
0.1
µF
0.1
µF
VDD
OUTPUTS
10pF
VDD
GND
GND
0.1
µF
0.1
µF
1K
1K
CLOAD
CLKOUT
CLKOUT
Output
1.4V
1.4V
t5
Output
REF
VDD/2
t6
Output
CLKOUT
Device 1
t7
CLKOUT
Device 2
VDD/2
VDD/2
VDD/2
1.4V
1.4V
t2
t1
1.4V
2V
0.8V
t3
t4
0.8V
3.3V
0V
2V
Output
All Outputs Rise/Fall Time
Input to Output Propagation Delay
Device to Device Skew
Output to Output Skew
Duty Cycle Timing
SWITCHING WAVEFORMS
Test Circuit 1 (all Parameters Except t8)
Test Circuit 2 (t8, Output Slew Rate On -1H Devices)
TEST CIRCUITS


Similar Part No. - IDT23S05-1HDC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
logo
Integrated Device Techn...
IDT23S05E IDT-IDT23S05E Datasheet
53Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05E RENESAS-IDT23S05E Datasheet
227Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S05E-1DC IDT-IDT23S05E-1DC Datasheet
53Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05E-1DCI IDT-IDT23S05E-1DCI Datasheet
53Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
More results

Similar Description - IDT23S05-1HDC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
IDT23S09 RENESAS-IDT23S09 Datasheet
224Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
FEBRUARY 2013
logo
Integrated Device Techn...
IDT23S05 IDT-IDT23S05_10 Datasheet
166Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05E IDT-IDT23S05E Datasheet
53Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S09 IDT-IDT23S09_09 Datasheet
73Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05E RENESAS-IDT23S05E Datasheet
227Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S09E RENESAS-IDT23S09E Datasheet
231Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S09E IDT-IDT23S09E Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S09E IDT-IDT23S09E_09 Datasheet
73Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com