Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2148 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # DS2148
Description  T1/E1/CEPT/ISDN-PRI TRANSFORMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DS2148 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  DS2148 Datasheet HTML 1Page - Pulse A Technitrol Company DS2148 Datasheet HTML 2Page - Pulse A Technitrol Company DS2148 Datasheet HTML 3Page - Pulse A Technitrol Company DS2148 Datasheet HTML 4Page - Pulse A Technitrol Company DS2148 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T622.K (04/12)
3
pulseelectronics.com
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
Quad Port T1/E1 with 8 Transformers, 1500 Vrms
Application
Typical Application
1. ET Product - All coils have an ET product of 10 V-μsec
minimum.
2. Flammability - Materials used in the products are
recognized as UL94-VO approved. Products meet the
IEC 695-2-2 requirements (Needle Flame Test).
3. Balance Characteristics - The transformers meet the
requirements for longitudinal balance of FCC part 68.
4. Common Mode Rejection Ratio - the CMRR for all
transformers is better than 50dB at 1MHz. A typical test
circuit is shown below.
5. Crosstalk Attentuation - In the packages which contain
transmit and receive transformers side by side, sufficient
crosstalk attentuation is achieved by the inherent
characteristics of the toroid cores as well as by their
proper positioning. The crosstalk attentuation is typically
65 dB or better. This result was established with the test
circuit shown below.
6. Return Loss - ITU-T G.703 and European national
regulatory documents specify minimum return loss levels.
The transformers will allow these limits to be complied
with the situations where they are applicable.
Frequency
50-100 kHz
10 kHz-2MHz
2-3 MHz
Return Loss
Transmit
9 dB
15 dB
11 dB
Receive
12 dB
18 dB
14 B
7. Surge Voltage Capability - All transformers and chokes meet
surge voltage tests according to the most stringent regulatory
documents, when used with the proper voltage and current
suppression devices:
Metallic Voltage: 800 V peak, 10/560
μsec
Longitudinal Voltage:
2,400 V peak, 10/700
μsec
8. Isolation Voltage - 100% of transformers are tested during the
specified isolation voltage level.
9. General Information - The transformers are specifically designed
for use in 1.544 Mbps (T1), 2.048 Mbps (CEPT) and ISDN Primary
rate (PRI) interface applications. They are matched to the
majority of the line interface transceiver ICs currently available.
Use of the proper transformer allows the interface circuit to
comply with ITU-T G.703 and other standards regarding pulse
waveform, return loss, and balance.
10. Common Mode Chokes - Additional high-frequency 4-line
common mode chokes may be used to provide an effective
means of complying with national and international regulations
on EMI. The common mode chokes are designed to be used in
conjunction with Pulse’s T1/CEPT transformers as shown in the
typical application below. Crosstalk is typically -65 dB or better.
HP-8751A
P1 P2
50:100
BALUN
100:50
BALUN
XFMR
50:100
BALUN
100:50
BALUN
XFMR
HP-8751A
P1 P2
100
100


Similar Part No. - DS2148

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2148 DALLAS-DS2148 Datasheet
544Kb / 75P
   5V E1/T1/J1 Line Interface
logo
Maxim Integrated Produc...
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
   5V E1/T1/J1 Line Interface Unit
REV: 011206
logo
Dallas Semiconductor
DS2148G DALLAS-DS2148G Datasheet
544Kb / 75P
   5V E1/T1/J1 Line Interface
logo
Maxim Integrated Produc...
DS2148G MAXIM-DS2148G Datasheet
1Mb / 73P
   5V E1/T1/J1 Line Interface Unit
REV: 011206
DS2148G++ MAXIM-DS2148G+ Datasheet
1Mb / 73P
   5V E1/T1/J1 Line Interface Unit
REV: 011206
More results

Similar Description - DS2148

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S1076 BOTHHAND-S1076 Datasheet
92Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Pulse A Technitrol Comp...
T1231NLT PULSE-T1231NLT Datasheet
601Kb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1068NLT PULSE-T1068NLT Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1108NLT PULSE-T1108NLT Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1281 PULSE-TX1281 Datasheet
507Kb / 1P
   T1/E1/CEPT/ISDN-PRI SMT TRANSFORMERS
TX1314NL PULSE-TX1314NL Datasheet
413Kb / 1P
   T1/E1/CEPT/ISDN-PRI SMT Transformers
logo
Nuvotem Talema
MJE-10A TALEMA-MJE-10A Datasheet
42Kb / 1P
   T1/E1/CEPT/ISDN-PRI SMD Transformers
logo
Bothhand USA, LP.
4S1008 BOTHHAND-4S1008 Datasheet
56Kb / 1P
   T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPR1401G PCA-EPR1401G Datasheet
23Kb / 1P
   T1/E1/CEPT/ISDN-PRI Interface Transformers
logo
Pulse A Technitrol Comp...
T1009NLT PULSE-T1009NLT Datasheet
104Kb / 2P
   T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com