Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL.10.1HH11W Datasheet(PDF) 10 Page - Taoglas antenna solutions

Part # TL.10.1HH11W
Description  IP67 Waterproof and IP69K
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TL.10.1HH11W Datasheet(HTML) 10 Page - Taoglas antenna solutions

Back Button TL.10.1HH11W Datasheet HTML 6Page - Taoglas antenna solutions TL.10.1HH11W Datasheet HTML 7Page - Taoglas antenna solutions TL.10.1HH11W Datasheet HTML 8Page - Taoglas antenna solutions TL.10.1HH11W Datasheet HTML 9Page - Taoglas antenna solutions TL.10.1HH11W Datasheet HTML 10Page - Taoglas antenna solutions TL.10.1HH11W Datasheet HTML 11Page - Taoglas antenna solutions TL.10.1HH11W Datasheet HTML 12Page - Taoglas antenna solutions TL.10.1HH11W Datasheet HTML 13Page - Taoglas antenna solutions TL.10.1HH11W Datasheet HTML 14Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SPE-13-8-049/C/WY | page 10 of 25
 
4.1.1 Radiation Patterns
XZ Plane
2300MHz
2500MHz
2570MHz
2700MHz
Z
XX
4.2 Antenna Setup (10 x 10cm Metal Ground Plane)
Y
Z
X


Similar Part No. - TL.10.1HH11W

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TL.10.1HH11W TAOGLAS-TL.10.1HH11W Datasheet
2Mb / 22P
   WIDEBAND DIRECT MOUNT ANTENNA
TL.10.1HH11W TAOGLAS-TL.10.1HH11W_17 Datasheet
2Mb / 22P
   WIDEBAND DIRECT MOUNT ANTENNA
More results

Similar Description - TL.10.1HH11W

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TLS.30.105111 TAOGLAS-TLS.30.105111 Datasheet
4Mb / 12P
   IP67 and IP69K Waterproof
TLS.30.1F21 TAOGLAS-TLS.30.1F21 Datasheet
8Mb / 12P
   IP67 and IP69K Waterproof
TLS.30.1F11 TAOGLAS-TLS.30.1F11 Datasheet
6Mb / 12P
   IP67 and IP69K Waterproof
MA741.B.BI.001 TAOGLAS-MA741.B.BI.001 Datasheet
2Mb / 20P
   IP67 Waterproof
MA750.W.A.ABICG.003 TAOGLAS-MA750.W.A.ABICG.003 Datasheet
2Mb / 36P
   IP67 Waterproof
MA710.A.ABI.001 TAOGLAS-MA710.A.ABI.001 Datasheet
4Mb / 21P
   IP67 Waterproof
logo
Schurter Inc.
4762 SCHURTER-4762_21 Datasheet
338Kb / 3P
   IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
logo
PowerDynamics, Inc
PD-HE3-MPC-S-3-B POWERDYNAMICS-PD-HE3-MPC-S-3-B Datasheet
195Kb / 1P
   IP67 DUSTPROOF / WATERPROOF
PD-HEC3-MCC-3-B POWERDYNAMICS-PD-HEC3-MCC-3-B Datasheet
151Kb / 1P
   IP67 DUSTPROOF / WATERPROOF
PD-HE3-FPC-S-3-B POWERDYNAMICS-PD-HE3-FPC-S-3-B Datasheet
200Kb / 1P
   IP67 DUSTPROOF / WATERPROOF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com