Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS.07.0113 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # TS.07.0113
Description  Antenna must have a view of the Sky
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TS.07.0113 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  TS.07.0113 Datasheet HTML 1Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 2Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 3Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 4Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 5Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 6Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 7Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 8Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
SPE-14-8-115/A/EW
Page 4 of 30
Bent Position
Average Gain (dBi)
In Free Space
-5.31
-5.06
-4.68
Efficiency (%)
29.48
31.17
34.02
Peak Gain (dBi)
-0.82
-0.59
-0.16
Return Loss (dB)
< -7
Average Gain (dBi)
With 15x9cm
Ground Plane
-1.53
-1.50
-1.41
Efficiency (%)
70.29
70.78
72.23
Peak Gain (dBi)
1.99
1.94
1.96
Return Loss (dB)
< -10
Average Gain (dBi)
On 30x30cm
Metal Plane
Edge
-1.12
-1.14
-1.17
Efficiency (%)
77.26
76.86
76.32
Peak Gain (dBi)
4.39
4.37
4.31
Return Loss (dB)
< -10
Average Gain (dBi)
On 30x30cm
Metal Plane
Center
-2.50
-2.60
-2.73
Efficiency (%)
56.19
54.96
53.33
Peak Gain (dBi)
2.04
1.91
1.79
Return Loss (dB)
< -4
Radiation
Omni-directional
Polarization
Linear
Impedance
50 Ω
Input Power
10W
MECHANICAL
Antenna Length
72mm
Antenna Diameter
10mm
Casing
POM
Connector
SMA(M)
Weight
6g
Recommended Torque for Mounting
0.9N·m
Max. Torque for Mounting
1.176N·m
ENVIRONMENTAL
Operation Temperature
-40°C ~ + 85°C
Storage Temperature
-40°C ~ + 85°C
Humidity
Non-condensing 65°C 95% RH


Similar Description - TS.07.0113

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4660 STMICROELECTRONICS-AN4660 Datasheet
311Kb / 27P
   Designers of STM32 microcontroller applications must have the possibility
AN4547 STMICROELECTRONICS-AN4547 Datasheet
151Kb / 6P
   Designers of STM32 microcontroller applications must have the possibility
logo
Tyco Electronics
411-18339 MACOM-411-18339 Datasheet
2Mb / 11P
   The operating manual must be constantly within reach of the tool.
412-18745 MACOM-412-18745 Datasheet
1Mb / 26P
   The operating manual must be constantly within reach of the tool.
logo
World Produts Inc.
WPANTDP067-R1A WPI-WPANTDP067-R1A Datasheet
188Kb / 2P
   Picture of the Antenna
WPANTDP066-R1A WPI-WPANTDP066-R1A Datasheet
192Kb / 2P
   Picture of the Antenna
logo
TOKYO SEIMITSU CO., LTD
PULCOM-V7 ACCRETECH-PULCOM-V7 Datasheet
350Kb / 4P
   The V7 and V8 have a variety of standard calculation and compensation
logo
Pulse A Technitrol Comp...
H7008NL PULSE-H7008NL Datasheet
164Kb / 2P
   THIS IS A RoHS COMPLIANT COMPONENT /PRODUCT ALL ENGINEERING CHANGES MUST HAVE PRIOR APPROVAL BY THE DESIGN CENTER
logo
New Jersey Semi-Conduct...
1N4158A NJSEMI-1N4158A Datasheet
202Kb / 1P
   THE DEVICES SHOWN HAVE A STANDARD TOLERANCE
logo
STMicroelectronics
AN4429 STMICROELECTRONICS-AN4429 Datasheet
171Kb / 14P
   The RPC56xx and SPC56xx families of devices have internal Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com