Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS.07.0113 Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # TS.07.0113
Description  Antenna must have a view of the Sky
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TS.07.0113 Datasheet(HTML) 5 Page - Taoglas antenna solutions

  TS.07.0113 Datasheet HTML 1Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 2Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 3Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 4Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 5Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 6Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 7Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 8Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SPE-14-8-115/A/EW
Page 5 of 30
3. Antenna Characteristics
3.1 Testing setup
Antenna Straight Position
a)In free space
b)with 15*9cm
c)with 30*30cm
d)with 30*30cm
Ground
Ground Metal Edge
Ground Metal Center
Antenna bent Position
a)In free space
b)with 15*9cm
c)with 30*30cm
d)with 30*30cm
Ground
Ground Metal Edge
Ground Metal Center
Figure.1 Measurement environments


Similar Description - TS.07.0113

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4660 STMICROELECTRONICS-AN4660 Datasheet
311Kb / 27P
   Designers of STM32 microcontroller applications must have the possibility
AN4547 STMICROELECTRONICS-AN4547 Datasheet
151Kb / 6P
   Designers of STM32 microcontroller applications must have the possibility
logo
Tyco Electronics
411-18339 MACOM-411-18339 Datasheet
2Mb / 11P
   The operating manual must be constantly within reach of the tool.
412-18745 MACOM-412-18745 Datasheet
1Mb / 26P
   The operating manual must be constantly within reach of the tool.
logo
World Produts Inc.
WPANTDP067-R1A WPI-WPANTDP067-R1A Datasheet
188Kb / 2P
   Picture of the Antenna
WPANTDP066-R1A WPI-WPANTDP066-R1A Datasheet
192Kb / 2P
   Picture of the Antenna
logo
TOKYO SEIMITSU CO., LTD
PULCOM-V7 ACCRETECH-PULCOM-V7 Datasheet
350Kb / 4P
   The V7 and V8 have a variety of standard calculation and compensation
logo
Pulse A Technitrol Comp...
H7008NL PULSE-H7008NL Datasheet
164Kb / 2P
   THIS IS A RoHS COMPLIANT COMPONENT /PRODUCT ALL ENGINEERING CHANGES MUST HAVE PRIOR APPROVAL BY THE DESIGN CENTER
logo
New Jersey Semi-Conduct...
1N4158A NJSEMI-1N4158A Datasheet
202Kb / 1P
   THE DEVICES SHOWN HAVE A STANDARD TOLERANCE
logo
STMicroelectronics
AN4429 STMICROELECTRONICS-AN4429 Datasheet
171Kb / 14P
   The RPC56xx and SPC56xx families of devices have internal Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com