Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7605-4BSTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7605-4BSTZ
Description  4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7605-4BSTZ Datasheet(HTML) 5 Page - Analog Devices

  AD7605-4BSTZ Datasheet HTML 1Page - Analog Devices AD7605-4BSTZ Datasheet HTML 2Page - Analog Devices AD7605-4BSTZ Datasheet HTML 3Page - Analog Devices AD7605-4BSTZ Datasheet HTML 4Page - Analog Devices AD7605-4BSTZ Datasheet HTML 5Page - Analog Devices AD7605-4BSTZ Datasheet HTML 6Page - Analog Devices AD7605-4BSTZ Datasheet HTML 7Page - Analog Devices AD7605-4BSTZ Datasheet HTML 8Page - Analog Devices AD7605-4BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7605-4
Data Sheet
Rev. 0 | Page 4 of 27
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ANALOG INPUT
Input Voltage Range
RANGE = 1
±10
V
RANGE = 0
±5
V
Analog Input Current
Input voltage (VIN) = 10 V
9
µA
VIN = 5 V
2.5
µA
Input Capacitance
5
pF
Input Impedance
1
REFERENCE INPUT/OUTPUT
Reference Input Voltage Range
2.475
2.5
2.525
V
DC Leakage Current
±1
µA
Input Capacitance
REF SELECT = 1
7.5
pF
Reference Output Voltage
REFIN/REFOUT
2.49 to
2.505
V
Reference Temperature Coefficient
±10
ppm/°C
LOGIC INPUTS
Input Voltage
High (VINH)
0.7 × VDRIVE
V
Low (VINL)
0.3 × VDRIVE
V
Input Current (IIN)
±2
µA
Input Capacitance (CIN)
5
pF
LOGIC OUTPUTS
Output Voltage
High (VOH)
ISOURCE = 100 µA
VDRIVE − 0.2
V
Low (VOL)
ISINK = 100 µA
0.2
V
Floating State
Leakage Current
±1
±20
µA
Output Capacitance
5
pF
Output Coding
Twos complement
16
Bits
CONVERSION RATE
Conversion Time
All four channels included
2
µs
Track-and-Hold Acquisition Time
1
µs
Throughput Rate
Per channel, all four channels included
300
kSPS
POWER REQUIREMENTS
AVCC
4.75
5
5.25
V
VDRIVE
2.5 V to 5 V nominal
2.3
5.25
V
Total Current, ITOTAL
Digital inputs = 0 V or VDRIVE
Normal Mode
Static
10
12
mA
Operational
fSAMPLE = 300 kSPS
12
15.2
mA
Standby Mode
5
8
mA
Shutdown Mode
2
6
µA
Power Dissipation
Normal Mode
Static
52
61
mW
Operational
fSAMPLE = 300 kSPS
71
80
mW
Standby Mode
25
42
mW
Shutdown Mode
10
31.5
µW
1
LSB means least significant bit. With a ±5 V input range, 1 LSB = 152.58 µV. With a ±10 V input range, 1 LSB = 305.175 µV.


Similar Part No. - AD7605-4BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD760 AD-AD760 Datasheet
324Kb / 12P
   16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV. A
AD7606 AD-AD7606 Datasheet
799Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
AD7606 AD-AD7606 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7606 AD-AD7606 Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7606 AD-AD7606 Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit
REV. A
More results

Similar Description - AD7605-4BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7616 AD-AD7616 Datasheet
1Mb / 51P
   16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7616-P AD-AD7616-P Datasheet
848Kb / 47P
   16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7606 AD-AD7606_17 Datasheet
955Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7606 AD-AD7606 Datasheet
799Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
AD7617 AD-AD7617 Datasheet
947Kb / 52P
   16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
   8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7606C-16 AD-AD7606C-16 Datasheet
1Mb / 74P
   8-Channel DAS with 16-Bit, 1 MSPS Bipolar Input, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com