Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4452 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4452
Description  115dB 768kHz 32-bit 2ch Premium DAC
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4452 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4452 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4452 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4452 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4452 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4452 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4452 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4452 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4452 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4452 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
[AK4452]
015002211-E-02
2015/08
- 8 -
Pin Functions
No
.
Pin Name
I/O
Function
PD Status
1
MCLK
I
External Master Clock Input Pin
Hi-Z
2
BICK
I
Audio Serial Data Clock Pin in PCM mode
Hi-Z
DCLK
I
DSD Clock Pin in DSD mode
3
LRCK
I
Input Channel Clock Pin in PCM mode
Hi-Z
DSDL1
I
Audio Serial Data Input in DSD mode
4
SDTI1
I
Audio Serial Data Input in PCM mode
Hi-Z
DSDR1
I
Audio Serial Data Input in DSD mode
5
TST1
I
Test Pin. This pin must be connected to DVSS
Hi-Z
6
TDMO1
O
Audio Serial Data Output in Daisy Chain mode
100kΩ
Pull down
7
DZF
O
Zero Input Detect in I
2C Bus or 3-wire serial control mode
100kΩ
Pull down
SMUTE
I
Soft Mute Pin in Parallel control mode.
When this pin is changed to “H”, soft mute cycle is initiated.
When returning “L”, the output mute releases.
8
CAD1
I
Chip Address 0 Pin in I
2C Bus or 3-wire serial control mode
Hi-Z
DCHAIN
I
Daisy Chain Mode select pin in Parallel control mode.
9
SDA
I/O
Control Data Input Pin in I
2C Bus serial control mode
Hi-Z
CDTI
I
Control Data Input Pin in 3-wire serial control mode
TDM0
I
TDM Mode select pin in Parallel control mode.
10
SCL
I
Control Data Clock Pin in I
2C Bus serial control mode
Hi-Z
CCLK
I
Control Data Clock Pin in 3-wire serial control mode
TDM1
I
TDM Mode select pin in Parallel control mode.
11
CAD0_I2C
I
Chip Address 0 Pin in I
2C Bus serial control mode
Hi-Z
CSN
I
Chip Select Pin in 3-wire serial control mode
DIF
I
Audio Data Format Select in Parallel control mode.
“L”:32-bit MSB, “H”:32-bit I2S
12
PS
I
(I2C pin = “H”)
Control Mode Select Pin
“L”: I2C Bus serial control mode ,“H”: Parallel control mode.
Hi-Z
CAD0_SPI
I
(I2C pin = “L”)
Chip Address 0 Pin in 3-wire serial control mode
13
I2C
I
Control Mode Select Pin
“L”: 3-wire serial control mode
“H”: I2C Bus serial control mode or Parallel control mode.
Hi-Z
14
AOUTL1P
O
L ch Positive Analog Output 1 Pin
Hi-Z
15
AOUTL1N
O
L ch Negative Analog Output 1 Pin
Hi-Z
16
VREFL1
I
Negative Voltage Reference Input Pin, AVSS
Hi-Z
17
VREFH1
I
Positive Voltage Reference Input Pin, AVDD
Hi-Z
18
AOUTR1N
O
R ch Negative Analog Output 1 Pin
Hi-Z
19
AOUTR1P
O
R ch Positive Analog Output 1 Pin
Hi-Z
20
AVSS
-
Analog Ground Pin
21
AVDD
-
Analog Power Supply Pin, 3.0V5.5V
22
TST2
I
Test Pin. This pin must be connected to AVSS.
Hi-Z
23
TST3
I
Test Pin. This pin must be connected to AVSS.
Hi-Z
24
TST4
I
Test Pin. This pin must be connected to AVSS.
Hi-Z
25
TST5
I
Test Pin. This pin must be connected to AVSS.
Hi-Z


Similar Part No. - AK4452

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4452VN AKM-AK4452VN Datasheet
2Mb / 91P
   115dB 768kHz 32-bit 2ch Premium DAC
More results

Similar Description - AK4452

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4452VN AKM-AK4452VN Datasheet
2Mb / 91P
   115dB 768kHz 32-bit 2ch Premium DAC
AK4458VN AKM-AK4458VN Datasheet
2Mb / 83P
   115dB 768kHz 32-bit 8ch Premium DAC
AK4458 AKM-AK4458 Datasheet
2Mb / 84P
   115dB 768kHz 32-bit 8ch Premium DAC
AK4456VN AKM-AK4456VN Datasheet
109Kb / 5P
   115dB 768kHz 32-bit 6ch Premium DAC
AK4454 AKM-AK4454 Datasheet
2Mb / 82P
   115dB 768kHz 32-bit 4ch Premium DAC
AK4454VN AKM-AK4454VN Datasheet
2Mb / 91P
   115dB 768kHz 32-bit 4ch Premium DAC
AK4462 AKM-AK4462 Datasheet
1Mb / 104P
   117dB 768kHz 32-bit 2ch Premium DAC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4490EQ AKM-AK4490EQ Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4490EN AKM-AK4490EN Datasheet
1Mb / 42P
   Premium 32-Bit 2ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com