Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4951 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4951
Description  24bit Stereo CODEC with MIC/HP/SPK-AMP
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4951 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4951 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4951 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4951 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4951 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4951 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4951 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4951 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4951 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4951 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 111 page
background image
[AK4951]
014008541-E-01
2015/09
- 5 -
4. Block Diagram
[AK4951EN]
TVDD
BICK
LRCK
SDTO
SDTI
VSS2
PMPFIL
Control
Register
SCL
SDA
MIC Power
Supply
MIC-Amp
+30~0dB
HPF
PMADL
PMADR
PMMP
PMADL or PMADR
Internal
MIC
External
MIC
MPWR1
LIN1
RIN1
LIN2
RIN2
AVDD
PDN
Audio
I/F
VSS1
DVDD
PMBP
BEEP
PMDAC
Mono/
Stereo
DVOL
SMUTE
LPF
HPF2
MIC Sensitivity
Correction
4-band EQ
ALC
Stereo Emphasis
1 Band EQ
Auto HPF
Cap-less
Headphone
HPL
HPR
Charge Pump
VEE
PMHPL or PMHPR
CN CP
VSS3
PMHPL
PMHPR
PMSL
Mono
Speaker
SPP/LOUT
SPN/ROUT
AVDD
VCOM
PLL
MCKI
PMPLL
RIN3/ BEEP
AVDD
REGFIL
LDO
2.3V
MIC-Power,
Charge-pump
Digital Core,
Headphone-Amp
Analog Block
SVDD
MPWR2
LIN3
Line Input
Oscillator
PMOSC
PFVOL
ADC
DAC
Figure 1. Block Diagram (AK4951EN)


Similar Part No. - AK4951

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AK4951

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953A AKM-AK4953A Datasheet
940Kb / 96P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com