Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4951A Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK4951A
Description  24bit Stereo CODEC with MIC/HP/SPK-AMP
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4951A Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4951A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 9Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 10Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 11Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 12Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 13Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
[AK4951A]
016001936-E-00
2016/03
- 10 -
7. Recommended Operating Conditions
(VSS1=VSS2=VSS3 =0V; Note 2)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supplies
Analog
AVDD
2.8
3.3
3.5
V
(Note 6)
Digital
DVDD
1.6
1.8
1.98
V
Digital I/O (Note 7)
TVDD
1.6 or
(DVDD-0.2)
1.8
3.5
V
Speaker-Amp
SVDD
1.8
3.3
5.5
V
Note 2. All voltages are with respect to ground.
Note 6.The power-up sequence between AVDD, DVDD, TVDD and SVDD is not critical. The PDN pin
must be “L” upon power up, and should be changed to “H” after all power supplies are supplied to
avoid an internal circuit error.
Note 7. The minimum value is higher voltage between DVDD-0.2 and 1.6V.
* When S
VDD is powered ON and the PDN pin is “L”, AVDD, DVDD and TVDD can be
powered ON/OFF.
When TVDD is powered ON and the PDN pin is “L”, AVDD, DVDD and
SVDD can be powered ON/OFF. The PDN pin must be set to
“H” after all power supplies
are ON, when the AK4951A is powered-up from power-down state.
* AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4951A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AK4951A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951 AKM-AK4951 Datasheet
2Mb / 111P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953A AKM-AK4953A Datasheet
940Kb / 96P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com