Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7755 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK7755
Description  DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7755 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK7755 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 9Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 10Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 11Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 12Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 13Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 14Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
[AK7755]
014006643-E-00
2014/10
- 11 -
6. Absolute Maximum Ratings
(AVSS=DVSS=0V; Note 2)
Parameter
Symbol
min
max
Unit
Power Supplies
Analog
Digital1(I/F)
Digital2(Core)
DVSS-AVSS
(Note 2)
AVDD
TVDD
DVDD
ΔGND
-0.3
-0.3
-0.3
-0.3
4.3
4.3
1.6
0.3
V
V
V
V
Input Current, Any Pin Except Supplies
IIN
±10
mA
Analog Input Voltage (Note 3)
VINA
-0.3
(AVDD+0.3)≤4.3
V
Digital Input Voltage (Note 4)
VIND
-0.3
(TVDD+0.3)≤4.3
V
Ambient Temperature
Ta
-40
85
Storage Temperature
Tstg
-65
150
Note 2. All voltages with respect to ground. AVSS and DVSS must be the same voltage.
Note 3. The maximum analog input voltage is smaller value between (AVDD+0.3)V and 4.3V.
Note 4. The maximum digital input voltage is smaller value between (DVDD+0.3)V and 4.3V.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
7. Recommended Operating Conditions
(AVSS=DVSS=0V; Note 2)
Parameter
Symbol
min
typ
max
Unit
Power Supplies
Analog
Digital1(I/F)
Digital2(Core)
AVDD
TVDD
DVDD
3.0
1.7
1.14
3.3
3.3
1.2
3.6
3.6
1.3
V
V
V
Note 5. AVDD and TVDD must be powered up first before DVDD when DVDD is supplied externally
(LDOE pin = “L”). In this case, the power-up sequence between AVDD and TVDD is not critical.
When using the internal regulator (LDOE pin = “H”), the power-up sequence between AVDD and
TVDD is not critical. But all power supplies must be ON before starting operation of the AK7755
by PDN pin = “H”.
Note 6. Do not turn off the power supply of the AK7755 with the power supply of the surrounding device
turned on. Pull-up of SDA and SCL pins must not exceed TVDD.
* AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK7755

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results

Similar Description - AK7755

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7756 AKM-AK7756 Datasheet
453Kb / 27P
   DSP with Mono CODEC Mic/Lineout Amp
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com