Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE1206M301R006 Datasheet(PDF) 7 Page - Kemet Corporation

Part # VE1206M301R006
Description  Surface Mount Varistors VE Series High Temperature
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VE1206M301R006 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button VE1206M301R006 Datasheet HTML 3Page - Kemet Corporation VE1206M301R006 Datasheet HTML 4Page - Kemet Corporation VE1206M301R006 Datasheet HTML 5Page - Kemet Corporation VE1206M301R006 Datasheet HTML 6Page - Kemet Corporation VE1206M301R006 Datasheet HTML 7Page - Kemet Corporation VE1206M301R006 Datasheet HTML 8Page - Kemet Corporation VE1206M301R006 Datasheet HTML 9Page - Kemet Corporation VE1206M301R006 Datasheet HTML 10Page - Kemet Corporation VE1206M301R006 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0003_VE • 10/26/2016
SMD Varistors
VE Series – SMD 150°C Low Voltage High Temperature Varistors
Table 1 – Ratings & Part Number Reference (cont'd)
KEMET Part
Number
L
(mm)
W
(mm)
t
max
(mm) Vrms VDC
V
n
1 mA Vc
I
c
8/20 µs
(A)
W
max
10/1000 µs
(J)
P
max
(W)
I
max
8/20 µs
(A)
C
typ
at 1 kHz
(pF)
L
typ
100mA/ns
(nH)
VE1812K801R025
4.7 ± 0.40 3.20 ± 0.30 1.55
25
31
39
67
5
3.9
0.015
800
2300
2.5
VE2220K122R025
5.7 ± 0.50 5.00 ± 0.40 1.45
25
31
39
67
10
9.5
0.020
1200
5000
3.0
VE0603K300R030
1.6 ± 0.20 0.80 ± 0.10
0.95
30
38
47
79
1
0.1
0.003
30
160
1.0
VE0805K121R030
2.0 ± 0.25 1.25 ± 0.20
1.05
30
38
47
79
1
0.2
0.005
120
230
1.5
VE1206K201R030
3.2 ± 0.30 1.60 ± 0.20
1.25
30
38
47
79
1
1.2
0.008
200
450
1.8
VE1210K301R030
3.2 ± 0.30 2.50 ± 0.25 1.45
30
38
47
79
3
2.1
0.010
300
850
1.8
VE1812K801R030
4.7 ± 0.40 3.20 ± 0.30 1.55
30
38
47
79
5
4.4
0.015
800
1800
2.5
VE2220K122R030
5.7 ± 0.50 5.00 ± 0.40 1.45
30
38
47
79
10
12.2
0.020
1200
4000
3.0
VE1206K121R035
3.2 ± 0.30 1.60 ± 0.20
1.25
35
45
56
92
1
0.6
0.008
120
400
1.8
VE1210K251R035
3.2 ± 0.30 2.50 ± 0.25 1.45
35
45
56
92
3
2.2
0.010
250
670
1.8
VE1812K601R035
4.7 ± 0.40 3.20 ± 0.30 1.55
35
45
56
92
5
4.2
0.015
600
1340
2.5
VE2220K102R035
5.7 ± 0.50 5.00 ± 0.40 1.45
35
45
56
92
10
7.6
0.020
1000
3000
3.0
VE1206K121R040
3.2 ± 0.30 1.60 ± 0.20
1.25
40
56
68
112
1
0.8
0.008
120
370
1.8
VE1210K251R040
3.2 ± 0.30 2.50 ± 0.25 1.45
40
56
68
112
3
2.4
0.010
250
570
1.8
VE1812K601R040
4.7 ± 0.40 3.20 ± 0.30 1.55
40
56
68
112
5
4.8
0.015
600
1000
2.5
VE2220K102R040
5.7 ± 0.50 5.00 ± 0.40 1.45
40
56
68
112
10
9.2
0.020
1000
2200
3.0
VE1206K121R050
3.2 ± 0.30 1.60 ± 0.20
1.65
50
65
82
137
1
0.8
0.008
120
340
1.8
VE1210K251R050
3.2 ± 0.30 2.50 ± 0.25 1.75
50
65
82
137
3
1.7
0.010
250
470
1.8
VE1812K401R050
4.7 ± 0.40 3.20 ± 0.30 1.85
50
65
82
137
5
4.8
0.015
400
710
2.5
VE2220K801R050
5.7 ± 0.50 5.00 ± 0.40 1.85
50
65
82
137
10
5.8
0.020
800
1500
3.0
VE1206K121R060
3.2 ± 0.30 1.60 ± 0.20
1.65
60
85
100
167
1
0.9
0.008
120
330
1.8
VE1210K251R060
3.2 ± 0.30 2.50 ± 0.25 1.75
60
85
100
167
3
2.2
0.010
250
390
1.8
VE1812K401R060
4.7 ± 0.40 3.20 ± 0.30 1.85
60
85
100
167
5
5.8
0.015
400
580
2.5
VE2220K801R060
5.7 ± 0.50 5.00 ± 0.40 1.85
60
85
100
167
10
6.2
0.020
800
1000
3.0
VE1812K401R075
4.7 ± 0.40 3.20 ± 0.30 1.90
75
100
120
202
5
5.8
0.015
400
440
2.5
VE2220K801R075
5.7 ± 0.50 5.00 ± 0.40 1.90
75
100
120
202
10
6.2
0.020
800
700
3.0
VE1812K301R095
4.7 ± 0.40 3.20 ± 0.30 1.90
95
125
150
252
5
5.2
0.015
300
340
2.5
VE2220K501R095
5.7 ± 0.50 5.00 ± 0.40 1.90
95
125
150
252
10
7.4
0.020
500
600
3.0
VE1812K301R115
4.7 ± 0.40 3.20 ± 0.30 1.90
115
150
180
302
5
5.2
0.015
300
310
2.5
VE2220K501R115
5.7 ± 0.50 5.00 ± 0.40 1.90
115
150
180
302
10
7.4
0.020
500
560
3.0
VE2220K501R130
5.7 ± 0.50 5.00 ± 0.40 1.90
130
170
205
342
10
7.4
0.020
500
500
3.0
KEMET Part
Number
L
mm
W
mm
t
max
mm
V
rms
V
V
dc
V
V
n 1 mA
V
V
c
V
I
c 8/20 µs
A
W
max 10/1000 µs
J
Pmax
W
I
max 8/20 µs
A
C
typ @ 1 kHz
pF
L
typ 100mA/ns
nH


Similar Part No. - VE1206M301R006

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VE1206M151R002 KEMET-VE1206M151R002 Datasheet
57Kb / 1P
   KEMET, VE, Varistors, Low Voltage High Temperature, 3 V, 2 VAC, 4 V, 12 V, 1 A, 150 A, 200 mJ, 8000 uW
VE1206M151R006 KEMET-VE1206M151R006 Datasheet
52Kb / 1P
   Varistors, VE, Low Voltage High Temperature, 8 V, 6 VAC, 11 V, 23 V, 1 Amps, 150 Amps, 500 mJ, 8000 uW
More results

Similar Description - VE1206M301R006

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
V220CH8T LITTELFUSE-V220CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
V47CH8T LITTELFUSE-V47CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com