Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL1218GK-131R5L Datasheet(PDF) 9 Page - YAGEO Corporation

Part # RL1218GK-131R5L
Description  LOW OHMIC CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL1218GK-131R5L Datasheet(HTML) 9 Page - YAGEO Corporation

  RL1218GK-131R5L Datasheet HTML 1Page - YAGEO Corporation RL1218GK-131R5L Datasheet HTML 2Page - YAGEO Corporation RL1218GK-131R5L Datasheet HTML 3Page - YAGEO Corporation RL1218GK-131R5L Datasheet HTML 4Page - YAGEO Corporation RL1218GK-131R5L Datasheet HTML 5Page - YAGEO Corporation RL1218GK-131R5L Datasheet HTML 6Page - YAGEO Corporation RL1218GK-131R5L Datasheet HTML 7Page - YAGEO Corporation RL1218GK-131R5L Datasheet HTML 8Page - YAGEO Corporation RL1218GK-131R5L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
May. 27, 2016 V.1
Product specification
9
9
SERIES
RL
0402 to 2512
REVISION HISTORY
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 1
Dec. 16, 2015 -
- Extend 0805 T.C.R. range
Version 0
Nov. 11, 2014 -
- First issue of this specification


Similar Part No. - RL1218GK-131R5L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL1218GK-10L YAGEO-RL1218GK-10L Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL1218GK-131R5L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
877049 YAGEO-877049 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com