Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5008NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # T5008NL
Description  ISDN S-Interface Low Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T5008NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  T5008NL Datasheet HTML 1Page - Pulse A Technitrol Company T5008NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
pulseelectronics.com
ISDN S-Interface Low Profile
Dual SMT Transformers
T613.E (04/12)
Application Notes
Common Mode Chokes
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 78060
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2012. Pulse Electronics, Inc. All rights reserved.
IC
Manufacturer
IC
Part Number
Dual
Surface Mount
TX & RX
MC145474/145475
MC145574
Motorola
T5008NL
Packaging Information
Type
SMT
Part Weight
7 grams
Parts/Tube
20
Parts/Tray*
50
Parts/Reel*
200
Reel Diameter
13 inches
Tape Width
44 mm
Pitch
24 mm
Notes: Standard packaging for the transformer is
anti-static tubes. Optional Tape & Reel packaging
can be ordered by adding a “T” suffix to the end
of the part number, (i.e. T5008NLT).
1. General Information - The S-interface is the standardized
four-wire digital telephone access point defined by the
CCITT I-series recommendations for the Integrated
Services Digital Network. This “basic rate succes”
accommodates two 64 kBps “B-channels” for more
information, one 16Kbps “D-channel” intended for
signaling and control, and 48Kbps for framing and other
purposes, giving a total rate of 192Kbps. The CCITT
physical layer recommends that the user network
interface be transformer coupled.
The transformer provides isolation for the line card or the
terminal from the line. It is also a way to provide phantom
power feeding to the terminal over the S-loop. Each end
requires a transmit and a receive transformer. Chokes are
used in some applications to reduce common mode
noise.
Transformers described in this data sheet are matched to
the transceivers offered by the IC manufacturers listed.
2. Safety Standards Recognition - All transformers listed in
this data sheet are recognized to UL 1459 and UL 1950 as
a basic insulation barrier.
3. Flammability - Materials used in the products are
recognized UL94-VO. Products meet the requiremens of
IEC 695-2-2 (needle flame test).
4. For more application notes please refer to data sheet
T604.
Refer to data sheet G002 for selection of low and high frequency common mode chokes.


Similar Part No. - T5008NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T5008 PULSE-T5008 Datasheet
154Kb / 8P
   TRANSFORMERS
More results

Similar Description - T5008NL

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-18300 RHOMBUS-IND-T-18300 Datasheet
48Kb / 1P
   ISDN S-Interface Low Profile SMT Dual Transformers
logo
Pulse A Technitrol Comp...
T5007NL PULSE-T5007NL Datasheet
121Kb / 2P
   ISDN S-INTERFACE LOW PROFILE DUAL SMT TRANSFORMERS
logo
Bothhand USA, LP.
S5795 BOTHHAND-S5795_1 Datasheet
828Kb / 1P
   ISDN S-INTERFACE LOW PROFILE DUAL SMT TRANSFORMER
logo
Bel Fuse Inc.
APC14112E BEL-APC14112E Datasheet
130Kb / 1P
   ISDN S Interface Hybrid
logo
Bourns Electronic Solut...
PT66001 BOURNS-PT66001 Datasheet
129Kb / 1P
   ISDN S-Interface Transformer
logo
Pulse A Technitrol Comp...
PE-64995NL PULSE-PE-64995NL Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
T5049NL PULSE-T5049NL Datasheet
278Kb / 4P
   ISDN S-INTERFACE MODULES
logo
XFMRS Inc.
XF02234A XFMRS-XF02234A Datasheet
54Kb / 1P
   ISDN S INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-10402 RHOMBUS-IND-T-10402 Datasheet
26Kb / 1P
   ISDN S Interface Transformer
T-10550 RHOMBUS-IND-T-10550_99 Datasheet
39Kb / 1P
   ISDN S-Interface Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com