Electronic Components Datasheet Search |
|
C430C105K1R5TA7293 Datasheet(PDF) 1 Page - Kemet Corporation |
|
C430C105K1R5TA7293 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1041_AXIMAX_X7R • 1/10/2017 1 One world. One KEMET Benefits • Axial leaded form factor • Conformally coated • EncapsulationmeetsflammabilitystandardUL94V–0 • Operatingtemperaturerangeof−55°Cto+125°C • Lead(Pb)-free,RoHSandREACHcompliant • X7RTemperaturestabledielectric • DCvoltageratingsof25V,50V,100V,200V,and250V • Capacitanceofferingsrangingfrom10pFto10μF • Availablecapacitancetolerancesof±5%,±10%and±20% • Non-polar device, minimizing installation concerns • 100%puremattetin-platedleadfinishallowingfor excellentsolderability • SnPb-platedleadfinishoptionavailableuponrequest (Sn60/Pb40) Overview KEMET’s Aximax conformally coated axial leaded ceramic capacitorsinX7Rdielectricfeaturea125°Cmaximum operatingtemperature.TheElectronicsIndustriesAlliance (EIA)characterizesX7RdielectricasaClassII"temperature stable"material.Componentsofthisclassificationarefixed, ceramicdielectriccapacitorssuitedforbypassanddecoupling applicationsorforfrequencydiscriminatingcircuitswhereQ andstabilityofcapacitancecharacteristicsarenotcritical.X7R exhibitsapredictablechangeincapacitancewithrespecttotime andvoltageandboastsaminimalchangeincapacitancewith referencetoambienttemperature.Capacitancechangeislimited to±15%from−55°Cto+125°C. ThesedevicesmeetstheflametestrequirementsoutlinedinUL Standard94V–0. AxialLeadedMultilayerCeramicCapacitors Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 – 250 VDC (Commercial Grade) Ordering Information C 410 C 105 K 3 R 5 T A 7200 Ceramic Style/ Size Specification/ Series Capacitance Code(pF) Capacitance Tolerance1 Rated Voltage (VDC) Dielectric Design LeadFinish2 Failure Rate Packaging (C-Spec) 410 412 420 430 440 C = Standard First two digits represent significant figures.Third digitspecifies numberof zeros. J=±5% K=±10% M=±20% 3 = 25 5 = 50 1 = 100 2 = 200 A = 250 R = X7R 5 = Multilayer T=100%MatteSn H=SnPb(60/40) A = N/A Blank = Bulk 7200=12"Reel 7293 = Ammo Pack 1 Additional capacitance tolerance offerings may be available. Contact KEMET for details. 2 Lead materials: Standard: 100% matte tin (Sn) with nickel (Ni) underplate and steel core ( “T” designation). Alternative 1: 60% tin (Sn)/40% lead (Pb) finish with copper-clad steel core ( “H” designation). Alternative 2: 60% tin (Sn)/40% lead (Pb) finish with 100% copper core (available with “H” designation code with C-Spec). Contact KEMET for C-Spec details. Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C430C105K1R5TA7293 |
|
Similar Description - C430C105K1R5TA7293 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |