Electronic Components Datasheet Search |
|
RL1206FR-139R76L Datasheet(PDF) 2 Page - YAGEO Corporation |
|
RL1206FR-139R76L Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 9 page Chip Resistor Surface Mount www.yageo.com May. 27, 2016 V.1 Product specification 2 2 SERIES RL 0402 to 2512 ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC Both part numbers are identified by the series, size, tolerance, packing type, temperature coefficient, taping reel and resistance value. SCOPE This specification describes RL0402 to RL2512 low ohmic chip resistors with lead-free terminations made by thick film process. APPLICATIONS Converters Printer equipment Server board Telecom Consumer Car electronics FEATURES AEC-Q200 qualified Halogen Free Epoxy RoHS compliant Hazardous wastes High component and equipment reliability Saving of PCB space Non-forbidden materials used in products/production Low resistances applied to current sensing MSL Class: MSL 1 ORDERING EXAMPLE The ordering code of a RL0603 chip resistor, value 0.56Ω with ±1% tolerance, supplied in 7-inch tape reel is: RL0603FR-070R56L. NOTE 1. All our R-Chip products meet RoHS compliant and Halogen Free. "LFP" of the internal 2D reel label mentions "Lead Free Process" 2. On customized label, "LFP" or specific symbol can be printed Y YA AG GE EO O B BR RA AN ND D o orrd deerriin ngg cco od dee GLOBAL PART NUMBER (PREFERRED) RL XXXX X X X XX XXXX L (1) (2) (3) (4) (5) (6) (7) (1) SIZE 0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512 (2) TOLERANCE F = ± 1% G = ± 2% J = ± 5% "-" = Jumper ordering (3) PACKAGING TYPE R = Paper taping reel K = Embossed taping reel (4) TEMPERATURE COEFFICIENT OF RESISTANCE – = Based on spec (5) TAPING REEL 07 = 7 inch dia. Reel and standard power 13 = 13 inch dia. Reel and standard power 7W = 7 inch dia. Reel and 2 x standard power (0805 and 1206) (6) RESISTANCE VALUE There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point. Detailed coding rules of resistance are shown in the table of “Resistance rule of global part number”. (7) DEFAULT CODE Letter L is system default code for order only (Note) Resistance rule of global part number Resistance code rule Example 0RXXX (1 to 976 mΩ) 0R1 = 0.1 Ω 0R12 = 0.12 Ω 0R105 = 0.105 Ω XRXX (1 to 9.76 Ω) 1R = 1 Ω 1R5 = 1.5 Ω 9R76 = 9.76 Ω XXRX (10 to 97.6 Ω) 10R = 10 Ω 97R6 = 97.6 Ω XXXR (100 to 976 Ω) 100R = 100 Ω XKXX (1 to 9.76 KΩ) 1K = 1,000 Ω 9K76 = 9760 Ω XMXX (1 to 9.76 MΩ) 1M = 1,000,000 Ω 9M76= 9,760,000 Ω |
Similar Part No. - RL1206FR-139R76L |
|
Similar Description - RL1206FR-139R76L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |