Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW.24.SMA.M Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FW.24.SMA.M
Description  Rugged Design for Outdoor Use
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW.24.SMA.M Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FW.24.SMA.M Datasheet HTML 1Page - Taoglas antenna solutions FW.24.SMA.M Datasheet HTML 2Page - Taoglas antenna solutions FW.24.SMA.M Datasheet HTML 3Page - Taoglas antenna solutions FW.24.SMA.M Datasheet HTML 4Page - Taoglas antenna solutions FW.24.SMA.M Datasheet HTML 5Page - Taoglas antenna solutions FW.24.SMA.M Datasheet HTML 6Page - Taoglas antenna solutions FW.24.SMA.M Datasheet HTML 7Page - Taoglas antenna solutions FW.24.SMA.M Datasheet HTML 8Page - Taoglas antenna solutions FW.24.SMA.M Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DSP-15-8- SPE-17-8-003/A/AW
Page 2 of 12
1.Introduction
The FW.24 is a flexible 2.4GHz whip antenna with a SMA(M) connector for
outdoor use. It features excellent efficiency (>75%) and high peak gain (>4 dBi)
between 2400-2500MHz on a 30*30cm ground plane.
The antenna was specifically developed for applications such as weather monitoring
systems, motion/vibration sensors, pollution monitoring, and border guard monitoring
systems.
The FW.24 works in the 2.4 GHz Wi-Fi/Bluetooth/ISM band with high efficiency,
meaning that it allows your radio to consume less power than with a lower
efficiency antenna when transferring data. The antenna performs at its best while
attached to a ground plane with dimensions of at least 30*30cm.
The whip is made of a flexible inner steel core covered by PE so it is extremely
resistant to abrasion and maintains its original shape and RF performance. This
rugged design and IP67 rating has been tested by customers to withstand
environmental stress and moderate physical shock in the field.
The FW.24.SMA.M 2.4GHz antenna provides a simple solution to any outdoor
devices where the FW.24 antenna’s rugged design and high efficiency can
provide the best value to the application.


Similar Part No. - FW.24.SMA.M

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FW.24.NTY.M TAOGLAS-FW.24.NTY.M Datasheet
866Kb / 15P
   Omni-directional
More results

Similar Description - FW.24.SMA.M

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FW.86.B.NTY.M TAOGLAS-FW.86.B.NTY.M Datasheet
833Kb / 11P
   Rugged Design for Outdoor Use
logo
TE Connectivity Ltd
M7100 TEC-M7100 Datasheet
289Kb / 7P
   Rugged for heavy equipment and outdoor use
logo
XP Power Limited
DNR XPPOWER-DNR Datasheet
182Kb / 4P
   Rugged Design for Industrial Applications
logo
PHOENIX CONTACT
REL-OR-24DC PHOENIX-REL-OR-24DC Datasheet
109Kb / 4P
   Extremely rugged design
logo
XP Power Limited
MCS XPPOWER-MCS Datasheet
394Kb / 2P
   Rugged Desktop Design
logo
Taoglas antenna solutio...
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
logo
API Technologies Corp
1469A APITECH-1469A Datasheet
437Kb / 2P
   Rugged connector design
logo
Taoglas antenna solutio...
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
   Designed for Outdoor Use
logo
AUREL S.p.A.
650200596G AUREL-650200596G Datasheet
253Kb / 1P
   Vertical Antenna for Outdoor use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com