Electronic Components Datasheet Search |
|
RL1206FK-139R76L Datasheet(PDF) 6 Page - YAGEO Corporation |
|
RL1206FK-139R76L Datasheet(HTML) 6 Page - YAGEO Corporation |
6 / 9 page Chip Resistor Surface Mount www.yageo.com May. 27, 2016 V.1 Product specification 6 6 SERIES RL 0402 to 2512 Fig. 5 Maximum dissipation (Pmax) in percentage of rated power as a function of the operating ambient temperature (Tamb) FUNCTIONAL DESCRIPTION O OP PE ER RA AT TIIN NG GT TE EM MP PE ER RA AT TU UR RE E R RA AN NG GE E Normal Power: Range: –55 °C to +155 °C (Fig. 5) Double Power: Range: –55 °C to +125 °C (Fig. 6) P PO OW WE ER R R RA AT TIIN NG G Each type rated power at 70 °C: RL0402=1/16 W; RL0603=1/10 W; RL0805=1/8 W, 1/4W; RL1206=1/4 W, 1/2W; RL1210=1/2 W; RL1218=1 W; RL2010=3/4 W; RL2512=1 W. RATED VOLTAGE The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following formula: V = ) PxR ( Where V = Continuous rated DC or AC (rms) working voltage (V) P = Rated power (W) R = Resistance value (Ω ) Fig. 6 Maximum dissipation (Pmax) in percentage of rated power as a function of the operating ambient temperature (Tamb) |
Similar Part No. - RL1206FK-139R76L |
|
Similar Description - RL1206FK-139R76L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |