Electronic Components Datasheet Search |
|
C410C105J2R5HA7293 Datasheet(PDF) 3 Page - Kemet Corporation |
|
C410C105J2R5HA7293 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1041_AXIMAX_X7R • 1/10/2017 3 Axial Leaded Multilayer Ceramic Capacitors Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 – 250 VDC (Commercial Grade) Environmental Compliance Lead(Pb)-free,REACHandRoHScompliantwithoutexemptionswhenorderedwitha100%tin(Sn)wireleadfinish. Productorderedwithtin/lead(Sn60/Pb40)wireleadfinishdonotmeetRoHScriteria. Series Termination Finish (Wire Lead) RoHS Compliant RoHS Exemption Code REACH Compliant1 Halogen Free 400(C4XX) 100%MatteSn Yes n/a Yes Yes Sn60/Pb40 No n/a Yes Yes 1 REACH compliance indicates product does not contain Substance/s of Very High Concern (SVHC) Electrical Parameters/Characteristics Item Parameters/Characteristics Operating Temperature Range −55°Cto+125°C CapacitanceChangewithReferenceto +25°Cand0VDCApplied(TCC) ±15% AgingRate(Maximum%CapLoss/DecadeHour) 3.0% DielectricWithstandingVoltage 250%ofratedvoltage (5±1secondandcharge/dischargenotexceeding50mAat25°C) DissipationFactor(DF)MaximumLimitat25°C SeeDissipationFactorLimitTable InsulationResistance(IR)Limitat25°C SeeInsulationResistanceLimitTable (Ratedvoltageappliedfor120±5secondsat25°C) Regarding aging rate: Capacitance measurements (including tolerance) are indexed to a referee time of 1,000 hours. To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits. Capacitance and dissipation factor (DF) measured under the following conditions: 1 kHz ±50 Hz and 1.0 ±0.2 V rms if capacitance ≤ 10 µF 120 Hz ±10 Hz and 0.5 ±0.1 V rms if capacitance > 10 µF Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known as Automatic Level Control (ALC). The ALC feature should be switched to "ON." |
Similar Part No. - C410C105J2R5HA7293 |
|
Similar Description - C410C105J2R5HA7293 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |