Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10100CT Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part # MBR10100CT
Description  MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

MBR10100CT Datasheet(HTML) 3 Page - Vaishali Semiconductor

  MBR10100CT Datasheet HTML 1Page - Vaishali Semiconductor MBR10100CT Datasheet HTML 2Page - Vaishali Semiconductor MBR10100CT Datasheet HTML 3Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
1
0.1
10
100
1000
10000
0.01
0.01
110
10
100
0.1
0.1
1
1
10
100
100
1000
0.1
10
Fig. 5 – Typical Junction Capacitance
Per Leg
Reverse Voltage (V)
20
0
100
40
60
80
Fig. 4 – Typical Reverse
Characteristics Per Leg
Fig. 6 – Typical Transient
Thermal Impedance Per Leg
t -- Pulse Duration (sec.)
Percent of Rated Peak Reverse Voltage (%)
TJ = 150°C
100
°C
125
°C
25
°C
0
1.0
2.0
3.0
4.0
5.0
6.0
0
25
50
75
100
125
150
175
Fig. 1 – Forward Derating Curve
Per Leg
Case Temperature (
°C)
0.1
0.3
1.1
0.5
100
10
0.1
0.01
1.0
0.7
0.9
Fig. 3 – Typical Instantaneous
Forward Characteristics Per Leg
TJ = 175°C
TJ = 25°C
TJ = – 40°C
TJ = 150°C
TJ = 125°C
1
10
100
25
50
75
100
125
150
175
Number of Cycles at 60 HZ
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current Per Leg
TJ = 100°C
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88668
www.vishay.com
24-Apr-03
3


Similar Part No. - MBR10100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR10100CT DIODES-MBR10100CT Datasheet
64Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
logo
Taiwan Semiconductor Co...
MBR10100CT TSC-MBR10100CT Datasheet
201Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
GOOD-ARK Electronics
MBR10100CT GOOD-ARK-MBR10100CT Datasheet
195Kb / 2P
   Dual High-Voltage Schottky Barrier Rectifiers
logo
Foshan Blue Rocket Elec...
MBR10100CT FOSHAN-MBR10100CT Datasheet
840Kb / 6P
   Schottky Barrier Diode in a TO-220 Plastic Package
logo
Taiwan Semiconductor Co...
MBR10100CT TSC-MBR10100CT Datasheet
196Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR10100CT

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com