Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6047614 Datasheet(PDF) 2 Page - SICK AG

Part # 6047614
Description  TEMPERATURE SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6047614 Datasheet(HTML) 2 Page - SICK AG

  6047614 Datasheet HTML 1Page - SICK AG 6047614 Datasheet HTML 2Page - SICK AG 6047614 Datasheet HTML 3Page - SICK AG 6047614 Datasheet HTML 4Page - SICK AG 6047614 Datasheet HTML 5Page - SICK AG 6047614 Datasheet HTML 6Page - SICK AG 6047614 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
THTS-1AA542006MZ | THTS
TEMPERATURE SENSORS
Illustration may differ
Ordering information
Type
Part no.
THTS-1AA542006MZ
6047614
Other models and accessories
www.sick.com/THTS
Detailed technical data
Features
Measuring range
–50 °C +150 °C
Sensor element
Pt100, Pt1000 (for 4 mA ... 20 mA version)
Analog signal output and ohmic load RA
4 mA ... 20 mA, 2-wire (RA ≤ (L+ – 10 V) / 0.023 A [Ohm])
Performance
Accuracy of sensor element
Class A according to IEC 60751 1)
Transmitter accuracy
± 0,25 K
Transmitter linearity
≤ ± 0.1 % of span
Response time
t50 ≤ 3,3 s
t90 ≤ 9,7 s 2)
1) Class B (measuring range –50 ° C ... –30 ° C).
2) Depending on sensor configuration, according to IEC 60751.
Mechanics/electronics
Process connection
Conical coupling (DIN 11851) DN 40 with union nut
Insertion length/diameter of probe
200 mm / 6 mm
Wetted parts
Stainless steel 1.4435 / 316L, Ra ≤ 0.8 µm
Pressure resistance
Max. 40 bar at room temperature
Housing material
Stainless steel (CrNi)
Electrical connection
Round connector M12 x 1, 4-pin, IP 67 and IP 69 1)
Supply voltage
10 V DC ... 35 V DC
Maximum current consumption
Ca. 30 mA
Electrical safety
Protection class: III, dielectric strength: 500 V AC, Reverse polarity protection: L+ to M
Protection class III
CE-conformity
2004/108/EC, EN 61326-2-3
RoHS certificate
Initialization time
Max. 4 s
1) IP enclosure rating as per IEC 60529. The enclosure rating classes specified only apply while the device is connected with male cable connectors of the correspond-
ing enclosure rating.
2
FLUID SENSORS | SICK
Online data sheet | 2017-03-14 16:25:09
Subject to change without notice


Similar Part No. - 6047614

ManufacturerPart #DatasheetDescription
logo
SICK AG
6047610 SICK-6047610 Datasheet
811Kb / 7P
   TEMPERATURE SENSORS
6047611 SICK-6047611 Datasheet
811Kb / 7P
   TEMPERATURE SENSORS
6047612 SICK-6047612 Datasheet
811Kb / 7P
   TEMPERATURE SENSORS
6047613 SICK-6047613 Datasheet
811Kb / 7P
   TEMPERATURE SENSORS
6047615 SICK-6047615 Datasheet
786Kb / 7P
   TEMPERATURE SENSORS
More results

Similar Description - 6047614

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com