Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE1812M301R011 Datasheet(PDF) 1 Page - Kemet Corporation

Part # VE1812M301R011
Description  Surface Mount Varistors VE Series High Temperature
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VE1812M301R011 Datasheet(HTML) 1 Page - Kemet Corporation

  VE1812M301R011 Datasheet HTML 1Page - Kemet Corporation VE1812M301R011 Datasheet HTML 2Page - Kemet Corporation VE1812M301R011 Datasheet HTML 3Page - Kemet Corporation VE1812M301R011 Datasheet HTML 4Page - Kemet Corporation VE1812M301R011 Datasheet HTML 5Page - Kemet Corporation VE1812M301R011 Datasheet HTML 6Page - Kemet Corporation VE1812M301R011 Datasheet HTML 7Page - Kemet Corporation VE1812M301R011 Datasheet HTML 8Page - Kemet Corporation VE1812M301R011 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0003_VE • 10/26/2016
One world. One KEMET
Benefits
• Surface mount form factor
• Operatingambienttemperatureof−55°Cto+150°C
• Superioroperatingperformanceratedat150°C
(AEC-Q200 compliance)
• Operating voltage range of 3 V to 170 V
• AC voltage range (Vrms) of 2 V to 130 V
• High resistance to cyclic temperature stress
• Lowleakagecurrentsafter1,000hoursratedat150°C
• High energy absorption capability
• Available case sizes: 0603, 0805, 1206, 1210, 1812, 2220
• Short response time
• Broad range of current and energy handling capabilities
• Low clamping voltage – Uc
• Non-sensitivetomildlyactivatedfluxes
• Barrier type end terminations solderable with Pb-free
solders according to JEDEC J–STD–020C and IEC
60068–2–58
• UL 1499, 3rd edition and CSA C22.2 File E326499
Section 8
• RoHS 2 2011/65/EC, REACH compliant
• AEC-Q200qualifiedGrade1
Overview
KEMET's VE series of high temperature, low voltage
varistors are designed to protect sensitive electronic
devices against high voltage surges in the low voltage
region. In addition to superior operating performance at
rated150°C(AEC–Q200compliance)theyofferexcellent
transient energy absorption due to improved energy volume
distribution and power dissipation.
Applications
Typical applications include transient over-voltage
protection in automotive assembly motors and controllers
as well as surge protection of non-automotive electronic
products exposed to over-heating, i.e., consumer,
telecommunication or industrial.
Load dump and jump start protection of 12 to 24 V
supply systems. Protection of integrated circuits and
other components at the circuit board level including the
suppression of inductive switching or other transient events
such as surge voltage. ESD protection for components
sensitive to IEC 1000–4–2, MILSTD 883C Method 3015.7
and other industry spec. Replacement of larger surface
mount TVS Zeners in many applications. Designed to
achieve electromagnetic compliance of end products and
provide on-board transient voltage protection of ICs and
transistors.
Surface Mount Varistors
VE Series High Temperature 150°C
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - VE1812M301R011

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VE1812K301R095 KEMET-VE1812K301R095_17 Datasheet
53Kb / 1P
   Varistors, VE, Low Voltage High Temperature, 125 V, 95 VAC, 150 V, 252 V, 5 Amps, 300 Amps, 5.2 J, 15 mW
More results

Similar Description - VE1812M301R011

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
V220CH8T LITTELFUSE-V220CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
V47CH8T LITTELFUSE-V47CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com