Electronic Components Datasheet Search |
|
CC1206KC7BN Datasheet(PDF) 9 Page - YAGEO Corporation |
|
CC1206KC7BN Datasheet(HTML) 9 Page - YAGEO Corporation |
9 / 14 page www.yageo.com Nov. 24, 2016 V.15 Surface-Mount Ceramic Multilayer Capacitors 9 14 Product specification General Purpose 16 V to 50 V NP0 ELECTRICAL CHARACTERISTICS N NP P00 D DIIE EL LE EC CT TR RIIC C C CA AP PA AC CIIT TO OR RS S;; N NIIS SN N T TE ER RM MIIN NA AT TIIO ON NS S Unless otherwise stated all electrical values apply at an ambient temperature of 20±1 °C, an atmospheric pressure of 86 to 106 kPa, and a relative humidity of 63 to 67%. DESCRIPTION VALUE Capacitance range 0.22 pF to 100 nF Capacitance tolerance C < 10 pF ± 0.1 pF, ± 0.25 pF, ± 0.5 pF C ≥ 10 pF ± 1%, ± 2%, ± 5%, ± 10% Dissipation factor (D.F.) C < 30 pF ≤ 1 / ( 400 + 20C ) C ≥ 30 pF ≤ 0.1 % Insulation resistance after 1 minute at Ur (DC) Rins ≥ 10 GΩ or Rins × Cr ≥ 500 seconds whichever is less Maximum capacitance change as a function of temperature (temperature characteristic/coefficient): ± 30 ppm/°C Operating temperature range: –55 °C to +125 °C Table 7 Fig. 4 Typical capacitance change with respect to the capacitance at 1 V as a function of DC voltage Fig. 3 Typical temperature coefficient as a function of temperature Sample limits (broken lines). Requirement levels (dotted lines) |
Similar Part No. - CC1206KC7BN |
|
Similar Description - CC1206KC7BN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |