Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3208-021 Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # HSDL-3208-021
Description  Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3208-021 Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button HSDL-3208-021 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 9Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 10Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 11Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 12Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 13Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
HSDL-3208 (Shielded) Tape Dimensions
Figure 13. Tape dimensions.
Po
P2
Do
B
B
Ko
B-B SECTION
Bo
5
°(MAX.)
3
°(MAX.)
D1
P1
Ao
A-A SECTION
UNIT: mm
NOTICE:
1. 10 SPROCKET HOLE PITCH CUMULATIVE TOLERANCE IS
±0.20 mm.
2. CARRIER CAMBER SHALL BE NOT MORE THAN 1 mm PER 100 mm THROUGH A LENGTH OF 250 mm.
3. Ao & Bo MEASURED ON A PLACE 0.30 mm ABOVE THE BOTTOM OF THE POCKET.
4. K0 MEASURED FROM A PLACE ON THE INSIDE BOTTOM OF THE POCKET TO TOP SURFACE OF CARRIER.
5. POCKET POSITION RELATIVE TO SPROCKET HOLE MEASURED AS TRUE POSITION OF POCKET, NOT POCKET HOLE.
A
A
E
F
W
SYMBOL
SPEC
SYMBOL
SPEC
Ao
3.15
± 0.10
E
1.75
± 0.10
Bo
7.75
± 0.10
F
7.50
± 0.10
Ko
2.05
± 0.10
Do
1.55
± 0.05
Po
4.0
± 0.10
D1
1.50
± 0.10
P1
8.0
± 0.10
W
16.0
± 0.30
P2
2.0
± 0.10
10Po
40.0
± 0.20
T
0.30
± 0.10


Similar Part No. - HSDL-3208-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3208-021 HP-HSDL-3208-021 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3208-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com