Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5764AP Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-5764AP
Description  Multimode Small Form Factor Pluggable Transceivers for 200 MBd SBCON
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-5764AP Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-5764AP Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-5764AP Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-5764AP Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-5764AP Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-5764AP Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-5764AP Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-5764AP Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-5764AP Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HFBR-5764AP Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
15
(0.59)
41.73 ± 0.5
(1.64 ± 0.02)
3.5 ± 0.3
(0.14 ± 0.01)
1.7 ± 0.9
(0.07 ± 0.04)
BEZEL
PCB
AREA
FOR
PROCESS
PLUG
10
(0.39)
TO PCB
REF
0.4 ± 0.1
(0.02 ± 0.004)
BELO W PCB
10.4 ± 0.1
(0.41 ± 0.004)
15.25 ± 0.1
(0.60 ± 0.004)
MSA-SPECIFIED BEZEL
16.25 ± 0.1
(0.64 ± 0.004)
MIN.PITCH
DIMENSIONS ARE IN MILLIMETERS (INCHES).
11
(0.43)
1.5
(0.06)
BELO W PCB
REF.
9.8
(0.39)
CAGE ASSEMBLY
REF.
MAX.
MAX.
Figure 7c. Assembly drawing


Similar Part No. - HFBR-5764AP

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
Broadcom Corporation.
HFBR-5710L BOARDCOM-HFBR-5710L Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
logo
Agilent(Hewlett-Packard...
HFBR-5710LP HP-HFBR-5710LP Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
More results

Similar Description - HFBR-5764AP

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961LZ AVAGO-HFBR-5961LZ Datasheet
215Kb / 14P
   Multimode Small Form Factor (SFF) Transceivers
HFBR-5320 AVAGO-HFBR-5320 Datasheet
127Kb / 8P
   200 MBd Low-Cost SBCON Multimode Fiber Transceiver
HFBR-5320Z AVAGO-HFBR-5320Z Datasheet
236Kb / 8P
   200 MBd RoHS Compliant SBCON Multimode Fiber Transceiver
HFBR-57E0LZ AVAGO-HFBR-57E0LZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Broadcom Corporation.
HFBR-57E5APZ BOARDCOM-HFBR-57E5APZ Datasheet
569Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI
logo
TE Connectivity Ltd
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com