Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC14.03.3000D Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # PC14.03.3000D
Description  Cable and Connector fully customizable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC14.03.3000D Datasheet(HTML) 1 Page - Taoglas antenna solutions

  PC14.03.3000D Datasheet HTML 1Page - Taoglas antenna solutions PC14.03.3000D Datasheet HTML 2Page - Taoglas antenna solutions PC14.03.3000D Datasheet HTML 3Page - Taoglas antenna solutions PC14.03.3000D Datasheet HTML 4Page - Taoglas antenna solutions PC14.03.3000D Datasheet HTML 5Page - Taoglas antenna solutions PC14.03.3000D Datasheet HTML 6Page - Taoglas antenna solutions PC14.03.3000D Datasheet HTML 7Page - Taoglas antenna solutions PC14.03.3000D Datasheet HTML 8Page - Taoglas antenna solutions PC14.03.3000D Datasheet HTML 9Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SPE-12-8-110/B/SS
Page 1 of 9
SPECIFICATION
Part No.
: PC14.03.3000D
Product Name
: Circular Dual-Band 2.4~5.2GHz PCB antenna
with cable and connector
Feature
: 42mm*0.8mm
High efficiency antenna for Wi-Fi/ Bluetooth/
ZigBee applications
3M Rg-174 RP-SMA(M)
Stable efficiency, gain and radiation patterns
Cable and Connector fully customizable
RoHS Compliant


Similar Part No. - PC14.03.3000D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PC140 VISHAY-PC140 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
   Ultra Low Profile
logo
Powerbox
PC1400110-24 POWERBOX-PC1400110-24 Datasheet
553Kb / 2P
   1000-2000 WATTS DC/DC SINGLE
PC1400110-28 POWERBOX-PC1400110-28 Datasheet
553Kb / 2P
   1000-2000 WATTS DC/DC SINGLE
PC1400220-24 POWERBOX-PC1400220-24 Datasheet
553Kb / 2P
   1000-2000 WATTS DC/DC SINGLE
More results

Similar Description - PC14.03.3000D

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC17.07.0070A TAOGLAS-PC17.07.0070A Datasheet
405Kb / 9P
   Cable and Connector fully customizable
AA.170.301111 TAOGLAS-AA.170.301111 Datasheet
1Mb / 22P
   Cable and connector customizable
AA.108.301111 TAOGLAS-AA.108.301111 Datasheet
580Kb / 10P
   Cable and connector customizable
AA.108.301F21 TAOGLAS-AA.108.301F21 Datasheet
581Kb / 12P
   Cable and connector customizable
MA104.C.W.AB.002 TAOGLAS-MA104.C.W.AB.002 Datasheet
1Mb / 25P
   Cables and connectors are fully customizable
MA104.C.AB-.015 TAOGLAS-MA104.C.AB-.015 Datasheet
1Mb / 27P
   Cables and connectors are fully customizable
G24.A.W.305111 TAOGLAS-G24.A.W.305111 Datasheet
2Mb / 20P
   Cables and Connectors Customizable
G30.B.108111 TAOGLAS-G30.B.108111 Datasheet
1Mb / 25P
   Cables and Connectors Customizable
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
   Customizable and Fewer Steps to Test
logo
ATMEL Corporation
AT91CAP7S450A ATMEL-AT91CAP7S450A_09 Datasheet
1Mb / 47P
   Customizable Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com