Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-NG05 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-NG05
Description  High brightness light output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-NG05 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-NG05 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG05 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Color Categories
Lambda (nm)
Color
Category #
Min.
Max.
1
582.0
584.5
3
584.5
587.0
Yellow
2
587.0
589.5
4
589.5
592.0
5
592.0
593.0
Tolerance for each bin limit is ±0.5 nm.
Taping Options
Straight Lead
Option
#002
#2CA
#2CD
Dimension “B”
Dimension “H”
20.5 ± 1.0
18.0 ± 1.0
20.5 ± 1.0
(0.81 ± 0.04)
(0.71 ± 0.04)
(0.81 ± 0.04)
Formed Lead
Option
#2UK
#2UL
#2UM
#2UN
#2UP
#2UQ
#2UR
Dimension “B”
12.0 ± 1.0
9.0 ± 1.0
10.0 ± 1.0
11.0 ± 1.0
13.0 ± 1.0
14.0 ± 1.0
15.0 ± 1.0
(0.47 ± 0.04)
(0.35 ± 0.04)
(0.39 ± 0.04)
(0.43 ± 0.04)
(0.51 ± 0.04)
(0.55 ± 0.04)
(0.59 ± 0.04)
Dimension “H”
16.0 ± 1.0
(0.63 ± 0.04)
Units: mm (inches)


Similar Part No. - HLMP-NG05

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-NG07 HP-HLMP-NG07 Datasheet
162Kb / 7P
   High Intensity AlInGaP LED Lamps
More results

Similar Description - HLMP-NG05

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL50H BANNER-TL50H Datasheet
1Mb / 6P
   TL50H High Brightness Tower Light
logo
Purdy Electronics Corpo...
AND185HOP PURDY-AND185HOP Datasheet
57Kb / 2P
   InGaAlP High Brightness Orange Light
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366_15 Datasheet
342Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
List of Unclassifed Man...
AND520HG ETC-AND520HG Datasheet
50Kb / 2P
   GaN High Brightness Green Light Emission
logo
Purdy Electronics Corpo...
AND720HW PURDY-AND720HW Datasheet
128Kb / 3P
   InGaN High Brightness White Light Emission
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366 Datasheet
273Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
Purdy Electronics Corpo...
AND156EYP PURDY-AND156EYP Datasheet
25Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HYP PURDY-AND157HYP Datasheet
48Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HRP PURDY-AND157HRP Datasheet
50Kb / 2P
   InGaAlP High Brightness Red Light Emission
logo
Broadcom Corporation.
ASMT-MX22 BOARDCOM-ASMT-MX22 Datasheet
1Mb / 14P
   Moonstone짰 3W High Brightness Power LED Light Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com