Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPFEIM100-G Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # SPFEIM100-G
Description  Integrated EMI shielding
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

SPFEIM100-G Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  SPFEIM100-G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED SPFEIM100-G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED SPFEIM100-G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED SPFEIM100-G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED SPFEIM100-G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPFEIM100_G
Fiber Optic Transceiver For Fast Ethernet
Data Sheet
Application
Optical Transceiver for Fast Ethernet over POF
Features
The Avago high speed fiber optical transceiver for Fast
Ethernet is an excellent solution for converting high
speed binary data to differential digital data.
Data rate up to 100Mbit/s (125MBaud)
Integrated EMI shielding
Operating temperature range 0°C to 70°C
Operating @ 3.3V Power Supply
Bare fiber header (which supports thin and flexible Plastic
Optical Fiber (POF) with 1.5mm outer jacket diameter)
integrated. Fiber pull out strength
>20N (Ta = 25°C)
Green package (lead free and halogen free)
650nm LED with integrated driving circuit (logic to
light)
No light toggling of the LED at no signals on the input
data lines
Description
The 8-pin Optical Transceiver is a highly integrated CMOS
IC combined with a high speed photodiode and LED
designed to receive and transmit up to 125Mbit/s optical
data which can be 4b5b or 8b10b coded (up to 125Mbit/
s). The internal peaking and clamping circuit will yield an
ideal eye-opening.
Safety Hints
Applications of new chip technologies lead to increasing optical efficiency and growing and higher
levels of optical performance. We therefore recommend that the current versions of the IEC 60825-1 and
EN 60825-1 standards are taken into account right from the outset, i.e. at the equipment development stage, and
that suitable protection facilities are provided.


Similar Part No. - SPFEIM100-G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100_G AVAGO-SPFEIM100_G Datasheet
316Kb / 5P
   Fiber Optic Transceiver For Fast Ethernet
More results

Similar Description - SPFEIM100-G

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
3003325A WURTH-3003325A Datasheet
219Kb / 2P
   WE-CF EMI Shielding Sheet/EMI Shielding Tape
006.001
logo
3M Electronics
AB6000 3M-AB6000 Datasheet
88Kb / 4P
   EMI Absorber with Shielding
logo
Molex Electronics Ltd.
86114-9500 MOLEX-86114-9500 Datasheet
388Kb / 2P
   Swivel EMI Shielding Adapters
logo
Glenair, Inc.
M24758-1-16 GLENAIR-M24758-1-16 Datasheet
80Kb / 1P
   EMI/EMP Shielding Conduit
logo
TRIAD MAGNETICS
SP-310 TRIAD-SP-310 Datasheet
46Kb / 1P
   EMI Shielding for Audio Transformers
logo
Glenair, Inc.
249-001-09-B GLENAIR-249-001-09-B Datasheet
286Kb / 2P
   Conductive O-Ring for EMI Shielding
M28840-4-10-AC GLENAIR-M28840-4-10-AC Datasheet
87Kb / 1P
   Metal Core Conduit for EMI Shielding
logo
Bertech.
ALTC BERTECH-ALTC Datasheet
110Kb / 1P
   EMI-RFI Shielding Tape RoHS Compliant
logo
CONEC Elektronische Bau...
165X10869X CONEC-165X10869X Datasheet
55Kb / 1P
   METAL HOOD EMI/RFI SHIELDING 9-50pos.
2005.19.10.
165X10819X CONEC-165X10819X Datasheet
59Kb / 1P
   METAL HOOD EMI/RFI SHIELDING 9-50pos.
2001.19.02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com