Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

01DEEG3BM Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 01DEEG3BM
Description  IEC INLET FILTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

01DEEG3BM Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  01DEEG3BM Datasheet HTML 1Page - Delta Electronics, Inc. 01DEEG3BM Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL CONSTRUCTION
UNIT:
INCH
mm
7-2
R0.118 MAX.
3.19 MAX.
0.248X0.031
0.138
2.60 MAX.
1.18
66.0 MAX.
6.3X0.8
81.0 MAX.
3.5
30.0
R3.0 MAX.
36.0-0
+0.5
1.417-0
+0.02
20GEEG3E
(Optional wire type)
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM REVERSE)
R0.157 MAX.
34.5-0
+0.5
M3
0.138
0.248X0.031
3.19 MAX.
2.60 MAX.
1.654 0.004
1.18
0.138
66.0 MAX.
6.3X0.8
81.0 MAX.
3.5
30.0
3.5
42.0 0.1
R4.0 MAX.
1.358-0
+0.02
20GENG3E
(Optional wire type)
NG3QM
(Optional wire type)
1.12 MAX.
0.84 MAX.
1.22 0.2
1.16 0.004
0.142
+0.04
-0.02
0.063
0.03 ~
R0.08MAX(2X)
31.0 0.5
-0.5
+1.0
3.6
28.4 MAX.
R2.0MAX
21.3 MAX.
29.5 0.1
0.76
1.6
~
SUGGESTED THICKNESS OF
MOUNTING PANEL IS FROM
0.04 (1.0) TO 0.063 (1.6)
INCH (mm) OF MOUNTING CUTOUT
1.12 MAX.
28.4 MAX.
L'
G' N'
L
1.22 0.02
31.0 0.5
G
N
+0.012
+0.3
1.12
28.45 -0
-0
R0.08MAX.
R2.0MAX.
ALL WIRE LEADS 4.0" LONG MIN.
NG3QM(H)
(Optional wire type)
SUGGESTED THICKNESS OF
MOUNTING PANEL IS FROM
0.04 (1.0) TO 0.063 (1.6)
INCH (MM) OF MOUNTING CUTOUT
SUGGESTED THICKNESS OF
MOUNTING PANEL IS FROM
0.04 (1.0) TO 0.063 (1.6)
INCH (mm) OF MOUNTING CUTOUT
SUGGESTED MOUNTING CUTOUT
SUGGESTED MOUNTING CUTOUT
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM REVERSE)


Similar Part No. - 01DEEG3BM

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
01D-05-1A YUANDEAN-01D-05-1A Datasheet
436Kb / 2P
   DC-DC Converter
01D-05-2A YUANDEAN-01D-05-2A Datasheet
395Kb / 2P
   DC-DC Converter
01D-05-500 YUANDEAN-01D-05-500 Datasheet
426Kb / 2P
   DC-DC Converter
01D-09-1A YUANDEAN-01D-09-1A Datasheet
436Kb / 2P
   DC-DC Converter
01D-09-2A YUANDEAN-01D-09-2A Datasheet
395Kb / 2P
   DC-DC Converter
More results

Similar Description - 01DEEG3BM

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
10GEEW3EM DELTA-10GEEW3EM Datasheet
1Mb / 2P
   IEC INLET FILTERS
logo
Kemet Corporation
FBNAB2100ZE200 KEMET-FBNAB2100ZE200 Datasheet
8Mb / 5P
   IEC Inlet Filters
logo
EPCOS
B84773A0001A000 EPCOS-B84773A0001A000 Datasheet
195Kb / 11P
   2-line filters IEC inlet filters
B84771A0001A000 EPCOS-B84771A0001A000 Datasheet
241Kb / 16P
   2-line filters IEC inlet filters
B84776A0001A000 EPCOS-B84776A0001A000 Datasheet
194Kb / 12P
   2-line filters IEC inlet filters
logo
Delta Electronics, Inc.
08KEEG3EAM DELTA-08KEEG3EAM Datasheet
80Kb / 1P
   HIGH PERFORMANCE IEC INLET FILTERS
08KENG3EAM-R DELTA-08KENG3EAM-R Datasheet
72Kb / 1P
   HIGH PERFORMANCE IEC INLET SNAP-IN FILTERS
logo
List of Unclassifed Man...
RIQ0242H2 ETC1-RIQ0242H2 Datasheet
167Kb / 2P
   POWERLINE SERIES IEC INLET FILTERS SWITCHED AND FUSED
logo
Adam Technologies, Inc.
IEC-J-4-XXX-A ADAM-TECH-IEC-J-4-XXX-A Datasheet
119Kb / 1P
   IEC MALE INLET
IEC-C-1-100-TBPS ADAM-TECH-IEC-C-1-100-TBPS Datasheet
78Kb / 1P
   IEC MALE INLET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com