Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

D4S10E-40MA5-Y Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part No. D4S10E-40MA5-Y
Description  STRAIGHT PLUG PCB
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Homepage  http://www.rosenberger.com/
Logo 

D4S10E-40MA5-Y Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  D4S10E-40MA5-Y Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
Technical Data Sheet
Rosenberger
HSD®
STRAIGHT PLUG
PCB
D4S10E-40MA5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
3 / 3
Coding
Part Number has to be accomplished by codification
Coding
Plug
Colour
RAL
Part-Number
A
black
sim. 9005
D4S10E-40MA5-A
B
white
sim. 9001
D4S10E-40MA5-B
C
blue
sim. 5005
D4S10E-40MA5-C
D
bordeaux
sim. 4004
D4S10E-40MA5-D
E
green
sim. 6002
D4S10E-40MA5-E
F
brown
sim. 8011
D4S10E-40MA5-F
Z
waterblue
sim. 5021
D4S10E-40MA5-Z
Rev.
Date
Change
c00
04.02.15
Electrical data
“Insertion loss” ≤ -0.1dB @ 1.0 GHz (old: 0.1 )
“Nearend crosstalk” ≤ -30 dB (old: 30 dB)
“Farend crosstalk” ≤ -35 dB (old: 35 dB)
“RF-leakage(…)” ≤ -75 dB (old ≥ 75 dB)
≤ -65 dB (old ≥ 65 dB)
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
H. Mühlfellner
29.08.08
B. Huber
04.02.15
c00
15-0142
P. Schroeder
04.02.15
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn