Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS.04.B.301111 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # IS.04.B.301111
Description  Low profile-Height 29mm and diameter 49mm
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

IS.04.B.301111 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  IS.04.B.301111 Datasheet HTML 1Page - Taoglas antenna solutions IS.04.B.301111 Datasheet HTML 2Page - Taoglas antenna solutions IS.04.B.301111 Datasheet HTML 3Page - Taoglas antenna solutions IS.04.B.301111 Datasheet HTML 4Page - Taoglas antenna solutions IS.04.B.301111 Datasheet HTML 5Page - Taoglas antenna solutions IS.04.B.301111 Datasheet HTML 6Page - Taoglas antenna solutions IS.04.B.301111 Datasheet HTML 7Page - Taoglas antenna solutions IS.04.B.301111 Datasheet HTML 8Page - Taoglas antenna solutions IS.04.B.301111 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SPE-13-8-020/D/EZ
Page 3 of 17
MECHANICAL
Dimensions
Height = 29 mm and Diameter = 49 mm
Cable length
3m RG174 – Fully Customable
Connector
SMA-Male – Fully Customable
Casing
UV Resistant PC
Base and Thread
Nickel plated steel
Thread Diameter
18 mm
Weather proof gasket
Rubber
Sealant
Rubber Stopper
ENVIRONMENTAL
Protection
IP67 & IP69K
Corrosion
5% NaCl for 48hrs - Nickel plated steel base and thread
Temperature Range
-40°C to +85°C
Thermal Shock
100 cycles -40°C to +85°C
Humidity
Non-condensing 65°C 95% RH
Shock (Drop Test)
1m drop on concrete 6 axes
Cable Pull
8 Kgf
Recommended Torque
Setting for Mounting
24.5N∙m
Maximum Torque Setting
for Mounting
29.4N∙m
Weight
152g
*Note: Specifications may be subject to
change


Similar Part No. - IS.04.B.301111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
IS.01.B.305111 TAOGLAS-IS.01.B.305111 Datasheet
933Kb / 15P
   RoHS Compliant
IS.05 TAOGLAS-IS.05 Datasheet
1Mb / 18P
   ROHS Compliant
More results

Similar Description - IS.04.B.301111

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
ADS02908MR-R PUIAUDIO-ADS02908MR-R Datasheet
498Kb / 3P
   29mm diameter speaker with 88 dB sensitivity
POW-1644L-LWC50-B-R PUIAUDIO-POW-1644L-LWC50-B-R Datasheet
422Kb / 3P
   7.1mm overall diameter and 2.6mm height
POM-2244L-C33-R PUIAUDIO-POM-2244L-C33-R Datasheet
909Kb / 3P
   6mm overall diameter and 2.2mm height
logo
TEMEX
RSX5032C TEMEX-RSX5032C Datasheet
362Kb / 4P
   Low height profile
RSO2520Z TEMEX-RSO2520Z Datasheet
476Kb / 7P
   Low height profile
logo
CAMBION Electronic Comp...
461-2872 CAMBION-461-2872 Datasheet
28Kb / 1P
   Shorting Link, insulated, low profile, .040 (1,02) diameter pins
logo
ECS, Inc.
ECS-160-20-23A-EN-TR ECS-ECS-160-20-23A-EN-TR Datasheet
203Kb / 1P
   Compact and low profile
logo
CAMBION Electronic Comp...
461-2251 CAMBION-461-2251 Datasheet
28Kb / 1P
   Shorting Link, insulated, low profile, .025 (0,64) diameter pins
logo
ALPS ELECTRIC CO.,LTD.
ATMJ1Z7 ALPS-ATMJ1Z7 Datasheet
518Kb / 1P
   Drives Large-Diameter Lenses and Realizes Low Power Consumption
logo
Kemet Corporation
B45190E KEMET-B45190E Datasheet
464Kb / 16P
   Low Profile, Standard and Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com