Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFCX0D221R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEFCX0D221R
Description  Conductive Polymer Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFCX0D221R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEFCX0D221R Datasheet HTML 1Page - Panasonic Semiconductor EEFCX0D221R Datasheet HTML 2Page - Panasonic Semiconductor EEFCX0D221R Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Aluminum Electrolytic Capacitors
✽1: Ripple current (100 kHz/ +45°C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please refer to the page of “Mounting Specifications”.
✽4: Please contact us when 500 pcs packing is necessary.
Series
Rated
voltage
(V.DC)
Capacitance
(±20 %)
(μF)
Case size (mm)
Specification
Part number
Min.
4
Packaging
Q’ty
(pcs)
LW
H
✽1
Ripple
current
(mAr.m.s.)
✽2
ESR
(m
Ω max.)
CS
4
120
7.3
4.3
1.1
5100
15
EEFCS0G121R
3500
6.3
68
7.3
4.3
1.1
5100
15
EEFCS0J680R
3500
10
47
7.3
4.3
1.1
3200
40
EEFCS1A470R
3500
16
15
7.3
4.3
1.1
3200
40
EEFCS1C150R
3500
22
7.3
4.3
1.1
3200
40
EEFCS1C220R
3500
33
7.3
4.3
1.1
3200
40
EEFCS1C330R
3500
20
10
7.3
4.3
1.1
3200
40
EEFCS1D100R
3500
15
7.3
4.3
1.1
3200
40
EEFCS1D150R
3500
22
7.3
4.3
1.1
3200
40
EEFCS1D220R
3500
25
10
7.3
4.3
1.1
3200
40
EEFCS1E100R
3500
15
7.3
4.3
1.1
3200
40
EEFCS1E150R
3500
35
10
7.3
4.3
1.1
3200
40
EEFCS1V100R
3500
CT
4
180
7.3
4.3
1.4
5100
15
EEFCT0G181R
3500
6.3
100
7.3
4.3
1.4
5100
15
EEFCT0J101R
3500
10
68
7.3
4.3
1.4
3200
40
EEFCT1A680R
3500
16
47
7.3
4.3
1.4
3200
40
EEFCT1C470R
3500
20
33
7.3
4.3
1.4
3200
40
EEFCT1D330R
3500
47
7.3
4.3
1.4
3200
40
EEFCT1D470R
3500
25
22
7.3
4.3
1.4
3200
40
EEFCT1E220R
3500
35
15
7.3
4.3
1.4
3200
40
EEFCT1V150R
3500
Characteristics list
Reflow
3
<Standard>
Nov. 2015
07


Similar Part No. - EEFCX0D221R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFCX0D221R PANASONIC-EEFCX0D221R Datasheet
234Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
EEFCX0D221R PANASONIC-EEFCX0D221R Datasheet
90Kb / 3P
   Surface Mount Type
EEFCX0D221R PANASONIC-EEFCX0D221R Datasheet
97Kb / 3P
   SP-Cap Conductive Poiymer Aluminurm Capacitors Specialty Polymer Aluminu Capacitors
EEFCX0D221R PANASONIC-EEFCX0D221R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors
EEFCX0D221R PANASONIC-EEFCX0D221R Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results

Similar Description - EEFCX0D221R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECGCY0G471R PANASONIC-ECGCY0G471R Datasheet
50Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFLX0D331R PANASONIC-EEFLX0D331R_16 Datasheet
52Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFGX0D331R PANASONIC-EEFGX0D331R_16 Datasheet
57Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFGY0D821R PANASONIC-EEFGY0D821R Datasheet
396Kb / 6P
   Conductive Polymer Aluminum Electrolytic Capacitors
JX-SERIES PANASONIC-JX-SERIES Datasheet
550Kb / 7P
   Conductive Polymer Aluminum Electrolytic Capacitors
01-Apr-22
EEFCS0G121R PANASONIC-EEFCS0G121R Datasheet
61Kb / 3P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFCS1C150P PANASONIC-EEFCS1C150P Datasheet
61Kb / 3P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFHX0D471R PANASONIC-EEFHX0D471R Datasheet
52Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFSR0D221R PANASONIC-EEFSR0D221R Datasheet
57Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
KX_SERIES PANASONIC-KX_SERIES Datasheet
644Kb / 7P
   Conductive Polymer Aluminum Electrolytic Capacitors
01-Apr-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com