Electronic Components Datasheet Search |
|
EEHZA1V270P Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
EEHZA1V270P Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 2 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Conductive Polymer Hybrid Aluminum Electrolytic Capacitors 33 ZA E Capacitance (µF) Rated voltage mark Series identification Lot number Negative polarity marking (–) A±0.2 W ( ) Reference size L + – 0.3 max. Pressure relief ( 010 and larger) ● Endurance : 10000 h at 105 °C ● Low ESR and high ripple current (70 % over, Lower ESR than current V-FP) ● High voltage (to 80 V.DC) ● Equivalent to conductive polymer type aluminum electrolytic capacitor (There are little characteristics change by temperature and frequency) ● Vibration-proof product is available upon request. (08 mm and larger) ● AEC-Q200 compliant ● RoHS compliant Specifications Features Marking Dimensions (not to scale) Surface Mount Type Series : ZA Type : V High temperature Lead-Free reflow Capacitance tolerance ±20 % (120 Hz/+20 °C) DC leakage current I < 0.01 CV or 3 (µA) After 2 minutes (whichever is greater) Dissipation factor (tan d) Please see the attached standard products list Endurance 105 °C, 10000 h, apply the rated ripple current without exceeding the rated voltage Capacitance change Within ±30% of the initial value tan d < 200 % of the initial limit E. S. R. < 200 % of the initial limit DC leakage current Within the initial limit ESR after Endurance ( Ω/100 kHz) (–40 °C) Size code CD D8 F G 2.0 1.4 0.8 0.4 0.3 Shelf life After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) Damp heat (Load) 85 °C, 85 % to 90 %, 2000 h, rated voltage applied Capacitance change Within ±30% of the initial value tan d < 200 % of the initial limit E. S. R. < 200 % of the initial limit DC leakage current Within the initial limit Resistance to soldering heat After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits. Capacitance change Within ±10% of the initial value tan d Within the initial limit DC leakage current Within the initial limit Example : 25 V.DC 33 µF Marking color : BLACK Rated voltage mark Size code D L A, B H I W P K C 5.0 5.8±0.3 5.3 6.5 max. 2.2 0.65±0.1 1.5 0.35 - 0.20 D 6.3 5.8±0.3 6.6 7.8 max. 2.6 0.65±0.1 1.8 0.35 - 0.20 D8 6.3 7.7±0.3 6.6 7.8 max. 2.6 0.65±0.1 1.8 0.35 - 0.20 F 8.0 10.2±0.3 8.3 10.0 max. 3.4 0.90±0.2 3.1 0.70±0.2 G 10.0 10.2±0.3 10.3 12.0 max. 3.5 0.90±0.2 4.6 0.70±0.2 + 0.15 + 0.15 + 0.15 E 25 V.DC V 35 V.DC H 50 V.DC J 63 V.DC K 80 V.DC (Unit : mm) · The dimensions of the vibration-proof products, please refer to the page of the mounting specification. Size code CD D8 F G Category temp. range –55 °C to +105 °C Rated voltage range 25 V.DC to 50 V.DC 25 V.DC to 63 V.DC 25 V.DC to 80 V.DC Nominal cap.range 10 µF to 33 µF 10 µF to 56 µF 22 µF to 100 µF 22 µF to 220 µF 33 µF to 330 µF Nov. 2016 06 |
Similar Part No. - EEHZA1V270P |
|
Similar Description - EEHZA1V270P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |