Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE1206L201R025 Datasheet(PDF) 6 Page - Kemet Corporation

Part # VE1206L201R025
Description  Surface Mount Varistors VE Series High Temperature
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VE1206L201R025 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button VE1206L201R025 Datasheet HTML 2Page - Kemet Corporation VE1206L201R025 Datasheet HTML 3Page - Kemet Corporation VE1206L201R025 Datasheet HTML 4Page - Kemet Corporation VE1206L201R025 Datasheet HTML 5Page - Kemet Corporation VE1206L201R025 Datasheet HTML 6Page - Kemet Corporation VE1206L201R025 Datasheet HTML 7Page - Kemet Corporation VE1206L201R025 Datasheet HTML 8Page - Kemet Corporation VE1206L201R025 Datasheet HTML 9Page - Kemet Corporation VE1206L201R025 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0003_VE • 10/26/2016
SMD Varistors
VE Series – SMD 150°C Low Voltage High Temperature Varistors
Table 1 – Ratings & Part Number Reference
KEMET Part
Number
L
(mm)
W
(mm)
t
max
(mm) Vrms VDC
V
n
1 mA Vc
I
c
8/20 µs
(A)
W
max
10/1000 µs
(J)
P
max
(W)
I
max
8/20 µs
(A)
C
typ
at 1 kHz
(pF)
L
typ
100mA/ns
(nH)
VE0603M300R002
1.6 ± 0.20 0.80 ± 0.10
0.95
2
3
4
12
1
0.1
0.003
30
360
1.0
VE0805M101R002
2.0 ± 0.25 1.25 ± 0.20 0.80
2
3
4
12
1
0.1
0.005
100
930
1.5
VE1206M151R002
3.2 ± 0.30 1.60 ± 0.20 0.85
2
3
4
12
1
0.2
0.008
150
4000
1.8
VE0603M300R004
1.6 ± 0.20 0.80 ± 0.10
0.95
4
5.5
8
16
1
0.1
0.003
30
295
1.0
VE0805M101R004
2.0 ± 0.25 1.25 ± 0.20 0.80
4
5.5
8
16
1
0.1
0.005
100
695
1.5
VE1206M151R004
3.2 ± 0.30 1.60 ± 0.20 0.85
4
5.5
8
16
1
0.3
0.008
150
3300
1.8
VE1210M251R004
3.2 ± 0.30 2.50 ± 0.25 0.85
4
5.5
8
16
3
0.4
0.010
250
5000
1.8
VE1812M501R004
4.7 ± 0.40 3.20 ± 0.30 1.25
4
5.5
8
16
5
0.8
0.015
500
10000
2.5
VE2220M102R004
5.7 ± 0.50 5.00 ± 0.40 1.25
4
5.5
8
16
10
1.5
0.020
1000
19500
3.0
VE0603M300R006
1.6 ± 0.20 0.80 ± 0.10
0.95
6
8
11
23
1
0.1
0.003
30
260
1.0
VE0805M101R006
2.0 ± 0.25 1.25 ± 0.20 0.80
6
8
11
23
1
0.2
0.005
100
560
1.5
VE1206M151R006
3.2 ± 0.30 1.60 ± 0.20 0.85
6
8
11
23
1
0.5
0.008
150
2600
1.8
VE1210M301R006
3.2 ± 0.30 2.50 ± 0.25 0.85
6
8
11
23
3
0.8
0.010
300
4100
1.8
VE1812M501R006
4.7 ± 0.40 3.20 ± 0.30 1.25
6
8
11
23
5
1.0
0.015
500
7500
2.5
VE2220M122R006
5.7 ± 0.50 5.00 ± 0.40 1.25
6
8
11
23
10
3.8
0.020
1200
17000
3.0
VE0603L300R008
1.6 ± 0.20 0.80 ± 0.10
0.95
8
11
15
27
1
0.1
0.003
30
240
1.0
VE0805L121R008
2.0 ± 0.25 1.25 ± 0.20 0.80
8
11
15
27
1
0.2
0.005
120
475
1.5
VE1206L201R008
3.2 ± 0.30 1.60 ± 0.20 0.85
8
11
15
27
1
0.6
0.008
200
2000
1.8
VE1210L401R008
3.2 ± 0.30 2.50 ± 0.25 0.85
8
11
15
27
3
1.1
0.010
400
3400
1.8
VE1812L501R008
4.7 ± 0.40 3.20 ± 0.30 1.25
8
11
15
27
5
1.9
0.015
500
6300
2.5
VE2220L122R008
5.7 ± 0.50 5.00 ± 0.40 1.25
8
11
15
27
10
4.3
0.020
1200
15000
3.0
VE0603K300R011
1.6 ± 0.20 0.80 ± 0.10
0.95
11
14
18
35
1
0.2
0.003
30
210
1.0
VE0805K121R011
2.0 ± 0.25 1.25 ± 0.20 0.80
11
14
18
35
1
0.3
0.005
120
400
1.5
VE1206K201R011
3.2 ± 0.30 1.60 ± 0.20 0.85
11
14
18
35
1
0.6
0.008
200
1300
1.8
VE1210K401R011
3.2 ± 0.30 2.50 ± 0.25 0.85
11
14
18
35
3
1.3
0.010
400
2600
1.8
VE1812K801R011
4.7 ± 0.40 3.20 ± 0.30 1.25
11
14
18
35
5
2.0
0.015
800
5100
2.5
VE2220K122R011
5.7 ± 0.50 5.00 ± 0.40 1.25
11
14
18
35
10
5.5
0.020
1200
12000
3.0
VE0603K300R014
1.6 ± 0.20 0.80 ± 0.10
0.95
14
18
22
40
1
0.3
0.003
30
195
1.0
VE0805K121R014
2.0 ± 0.25 1.25 ± 0.20 0.80
14
18
22
40
1
0.4
0.005
120
355
1.5
VE1206K201R014
3.2 ± 0.30 1.60 ± 0.20 0.85
14
18
22
40
1
0.6
0.008
200
950
1.8
VE1210K401R014
3.2 ± 0.30 2.50 ± 0.25 0.85
14
18
22
40
3
1.6
0.010
400
2000
1.8
VE1812K801R014
4.7 ± 0.40 3.20 ± 0.30 1.25
14
18
22
40
5
2.4
0.015
800
4200
2.5
VE2220K122R014
5.7 ± 0.50 5.00 ± 0.40 1.25
14
18
22
40
10
6.0
0.020
1200
9400
3.0
VE0603K300R017
1.6 ± 0.20 0.80 ± 0.10
0.95
17
22
27
46
1
0.3
0.003
30
185
1.0
VE0805K121R017
2.0 ± 0.25 1.25 ± 0.20
1.05
17
22
27
46
1
0.4
0.005
120
315
1.5
VE1206K201R017
3.2 ± 0.30 1.60 ± 0.20
1.25
17
22
27
46
1
0.7
0.008
200
740
1.8
VE1210K401R017
3.2 ± 0.30 2.50 ± 0.25 1.35
17
22
27
46
3
1.8
0.010
400
1700
1.8
VE1812K801R017
4.7 ± 0.40 3.20 ± 0.30 1.25
17
22
27
46
5
2.8
0.015
800
3500
2.5
VE2220K122R017
5.7 ± 0.50 5.00 ± 0.40 1.25
17
22
27
46
10
7.5
0.020
1200
7700
3.0
VE0603K300R020
1.6 ± 0.20 0.80 ± 0.10
0.95
20
26
33
56
1
0.3
0.003
30
175
1.0
VE0805K121R020
2.0 ± 0.25 1.25 ± 0.20
1.05
20
26
33
56
1
0.4
0.005
120
290
1.5
VE1206K201R020
3.2 ± 0.30 1.60 ± 0.20
1.25
20
26
33
56
1
0.8
0.008
200
620
1.8
VE1210K401R020
3.2 ± 0.30 2.50 ± 0.25 1.35
20
26
33
56
3
2.0
0.010
400
1400
1.8
VE1812K801R020
4.7 ± 0.40 3.20 ± 0.30 1.55
20
26
33
56
5
3.0
0.015
800
3000
2.5
VE2220K122R020
5.7 ± 0.50 5.00 ± 0.40 1.45
20
26
33
56
10
8.0
0.020
1200
6500
3.0
VE0603K300R025
1.6 ± 0.20 0.80 ± 0.10
0.95
25
31
39
67
1
0.1
0.003
30
165
1.0
VE0805K121R025
2.0 ± 0.25 1.25 ± 0.20
1.05
25
31
39
67
1
0.2
0.005
120
260
1.5
VE1206K201R025
3.2 ± 0.30 1.60 ± 0.20
1.25
25
31
39
67
1
1.0
0.008
200
510
1.8
VE1210K401R025
3.2 ± 0.30 2.50 ± 0.25 1.45
25
31
39
67
3
1.8
0.010
400
1060
1.8
KEMET Part
Number
L
mm
W
mm
t
max
mm
V
rms
V
V
dc
V
V
n 1 mA
V
V
c
V
I
c 8/20 µs
A
W
max 10/1000 µs
J
Pmax
W
I
max 8/20 µs
A
C
typ @ 1 kHz
pF
L
typ 100mA/ns
nH


Similar Part No. - VE1206L201R025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VE1206K121R035 KEMET-VE1206K121R035 Datasheet
53Kb / 1P
   Varistors, VE, Low Voltage High Temperature, 45 V, 35 VAC, 56 V, 92 V, 1 Amps, 120 Amps, 600 mJ, 8000 uW
VE1206K121R040 KEMET-VE1206K121R040 Datasheet
52Kb / 1P
   Varistors, VE, Low Voltage High Temperature, 56 V, 40 VAC, 68 V, 112 V, 1 Amps, 120 Amps, 800 mJ, 8000 uW
VE1206K201R017 KEMET-VE1206K201R017 Datasheet
52Kb / 1P
   Varistors, VE, Low Voltage High Temperature, 22 V, 17 VAC, 27 V, 46 V, 1 Amps, 200 Amps, 700 mJ, 8000 uW
VE1206K201R020 KEMET-VE1206K201R020 Datasheet
52Kb / 1P
   Varistors, VE, Low Voltage High Temperature, 26 V, 20 VAC, 33 V, 56 V, 1 Amps, 200 Amps, 800 mJ, 8000 uW
VE1206K201R025 KEMET-VE1206K201R025 Datasheet
52Kb / 1P
   Varistors, VE, Low Voltage High Temperature, 31 V, 25 VAC, 39 V, 67 V, 1 Amps, 200 Amps, 1 J, 8000 uW
More results

Similar Description - VE1206L201R025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
V220CH8T LITTELFUSE-V220CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
V47CH8T LITTELFUSE-V47CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com