Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5332ADW Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5332ADW
Description  Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5332ADW Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5332ADW Datasheet HTML 1Page - ON Semiconductor NCP5332ADW Datasheet HTML 2Page - ON Semiconductor NCP5332ADW Datasheet HTML 3Page - ON Semiconductor NCP5332ADW Datasheet HTML 4Page - ON Semiconductor NCP5332ADW Datasheet HTML 5Page - ON Semiconductor NCP5332ADW Datasheet HTML 6Page - ON Semiconductor NCP5332ADW Datasheet HTML 7Page - ON Semiconductor NCP5332ADW Datasheet HTML 8Page - ON Semiconductor NCP5332ADW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
NCP5332A
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (0
°C < TA < 70°C; 0°C < TJ < 125°C; 9.5 V < VCCH1 = VCCH2 < 20 V;
4.5 V < VCCL = VCCL1 = VCCL2 < 14 V; CGATE = 3.3 nF, RR(OSC) = 32.4 kΩ, CCOMP = 1.0 nF, CREF = 0.1 µF, CSS = 0.1 µF,
DAC Code 10000 (1.45 V), CVCC = 1.0 µF; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Voltage Identification DAC
Accuracy (all codes)
Measure VFB = COMP
± 1.0
%
VID4
VID3
VID2
VID1
VID0
1
1
1
1
1
Fault Mode − Output Off
V
1
1
1
1
0
1.089
1.100
1.111
V
1
1
1
0
1
1.114
1.125
1.136
V
1
1
1
0
0
1.139
1.150
1.162
V
1
1
0
1
1
1.163
1.175
1.187
V
1
1
0
1
0
1.188
1.200
1.212
V
1
1
0
0
1
1.213
1.225
1.237
V
1
1
0
0
0
1.238
1.250
1.263
V
1
0
1
1
1
1.262
1.275
1.288
V
1
0
1
1
0
1.287
1.300
1.313
V
1
0
1
0
1
1.312
1.325
1.338
V
1
0
1
0
0
1.337
1.350
1.364
V
1
0
0
1
1
1.361
1.375
1.389
V
1
0
0
1
0
1.386
1.400
1.414
V
1
0
0
0
1
1.411
1.425
1.439
V
1
0
0
0
0
1.436
1.450
1.465
V
0
1
1
1
1
1.460
1.475
1.490
V
0
1
1
1
0
1.485
1.500
1.515
V
0
1
1
0
1
1.510
1.525
1.540
V
0
1
1
0
0
1.535
1.550
1.566
V
0
1
0
1
1
1.559
1.575
1.591
V
0
1
0
1
0
1.584
1.600
1.616
V
0
1
0
0
1
1.609
1.625
1.641
V
0
1
0
0
0
1.634
1.650
1.667
V
0
0
1
1
1
1.658
1.675
1.692
V
0
0
1
1
0
1.683
1.700
1.717
V
0
0
1
0
1
1.708
1.725
1.742
V
0
0
1
0
0
1.733
1.750
1.768
V
0
0
0
1
1
1.757
1.775
1.793
V
0
0
0
1
0
1.782
1.800
1.818
V
0
0
0
0
1
1.807
1.825
1.843
V
0
0
0
0
0
1.832
1.850
1.869
V
Input Threshold
VID4, VID3, VID2, VID1, VID0
1.00
1.25
1.50
V
Input Pull−up Resistance
VID4, VID3, VID2, VID1, VID0
25
50
100
k
Pull−up Voltage
3.15
3.30
3.45
V


Similar Part No. - NCP5332ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331 ONSEMI-NCP5331 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5331FTR2 ONSEMI-NCP5331FTR2 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331FTR2 ONSEMI-NCP5331FTR2 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
More results

Similar Description - NCP5332ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5322A ONSEMI-NCP5322A Datasheet
1Mb / 32P
   TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
NCP5322A ONSEMI-NCP5322A_07 Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
   Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
CS5302 ONSEMI-CS5302 Datasheet
342Kb / 17P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
July, 2006 ??Rev.7
NCP5378 ONSEMI-NCP5378 Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5378MNR2G ONSEMI-NCP5378MNR2G Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5383 ONSEMI-NCP5383_1 Datasheet
399Kb / 15P
   2 Phase Buck Controller with Integrated Gate Drivers and AVP
December, 2007 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com