Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMR1033SR Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OMR1033SR
Description  20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMR1033SR Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  OMR1033SR Datasheet HTML 1Page - List of Unclassifed Manufacturers OMR1033SR Datasheet HTML 2Page - List of Unclassifed Manufacturers OMR1033SR Datasheet HTML 3Page - List of Unclassifed Manufacturers OMR1033SR Datasheet HTML 4Page - List of Unclassifed Manufacturers OMR1033SR Datasheet HTML 5Page - List of Unclassifed Manufacturers OMR1033SR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
OMR1033SR, OMR1033ST, OMR1033NM
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246
Visit Our Web Site at www.omnirel.com
PART NUMBER DESIGNATOR
(Example OMR1033STM)
OMR
1033
S
T
M
Omnirel
Device
Isolated
Package
Hi-Rel
Rad-Tolerant
Type
Package
Style
Level
MECHANICAL OUTLINES
OMR1033ST
Isolated/Front View
Pin 1 - Adjust
Pin 2 - Input
Pin 3 - Output
Tab
- Isolated
Add “T” to part number for
TO-257 Package
OMR1033NM
Pin 1 - Adjust
Pin 2 - Output
Pin 3 - Input
Add “M” to part number for
SMD (Surface Mount Package)
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
.450
.140
.415
.157
.015
.140
.140
.050
.050
.037
.375
.030
MIN.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
.625
12 3
1
2
3
“T” P/N DESIGNATOR
TO-257AA
SMD-1
Hermetic D2 Pac
“R” P/N DESIGNATOR
OMR1033SR
Isolated
Front View
Pin 1 - Adjust
Pin 2 - Input
Pin 3 - Output
Tab
- Isolated
Add “R” to part number for
D2 Pac Package
“M” P/N DESIGNATOR
12 3


Similar Part No. - OMR1033SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVNH ETC-OMR117AHVNH Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVNM ETC-OMR117AHVNM Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVSR ETC-OMR117AHVSR Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVST ETC-OMR117AHVST Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - OMR1033SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR7905 ETC-OMR7905 Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
logo
Aeroflex Circuit Techno...
VRG8609 AEROFLEX-VRG8609 Datasheet
130Kb / 6P
   Dual Adjustable Negative Voltage Regulators Radiation Tolerant
VRG8601 AEROFLEX-VRG8601 Datasheet
135Kb / 7P
   Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
logo
List of Unclassifed Man...
OMR7805 ETC-OMR7805 Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Aeroflex Circuit Techno...
VRG8607 AEROFLEX-VRG8607 Datasheet
130Kb / 6P
   Dual Adjustable Positive Voltage Regulators Radiation Tolerant
logo
International Rectifier
OMR183 IRF-OMR183 Datasheet
304Kb / 8P
   30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
logo
Aeroflex Circuit Techno...
VRG8653 AEROFLEX-VRG8653 Datasheet
514Kb / 9P
   Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com