Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC81.07.0100A.DB Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # PC81.07.0100A.DB
Description  compatible with hirose u.fl
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC81.07.0100A.DB Datasheet(HTML) 2 Page - Taoglas antenna solutions

  PC81.07.0100A.DB Datasheet HTML 1Page - Taoglas antenna solutions PC81.07.0100A.DB Datasheet HTML 2Page - Taoglas antenna solutions PC81.07.0100A.DB Datasheet HTML 3Page - Taoglas antenna solutions PC81.07.0100A.DB Datasheet HTML 4Page - Taoglas antenna solutions PC81.07.0100A.DB Datasheet HTML 5Page - Taoglas antenna solutions PC81.07.0100A.DB Datasheet HTML 6Page - Taoglas antenna solutions PC81.07.0100A.DB Datasheet HTML 7Page - Taoglas antenna solutions PC81.07.0100A.DB Datasheet HTML 8Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPE-12-8-85/B/SS
Page 2 of 8
1. Introduction
This miniaturized low profile PCB antenna is based on smart TheStripe
antenna
technology. It consists of a PCB antenna and 1.13mm mini coaxial cable with Ipex MHF
(Hirose U.FL comp) connector. The PC81 comes with a foam attachement which has £M
adhesive on the underside which assists in palcing the antenna with sufficient clearance for
optimal performanace.
Cable lengths and connectors are fully customizable.
2.
Specification
Parameter
Electrical Specification
Applications
868MHz ISM Band
Frequency Band
868-870MHz
Efficiency
50.46%
Return Loss
<-10dB
VSWR
<2.0:1
Impedance
50 Ohm
Polarization
Horizontal
Radiation Pattern
Omni-Directional
Parameter
Mechanical Specification
Antenna Dimensions
34mm*7mm*0.8mm(PCB)
16mm*6mm*7mm(foam)
Cable Type
Ø1.13 Coaxial Cable
Cable Length
100mm
Connector
IPEX MHFI(U.FL Compatible)
Adhesive
3M 9472
Foam
CR4305
Parameter
Environmental Specification
Operation Temperature
-40°C ~ +85°C
Storage Temperature
-40°C ~ +85°C


Similar Part No. - PC81.07.0100A.DB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
   High Speed Under High Load Resistance Photocoupler
logo
List of Unclassifed Man...
PC81070100A ETC2-PC81070100A Datasheet
490Kb / 7P
   868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector foam attachment for assembly
logo
Taoglas antenna solutio...
PC81070100A TAOGLAS-PC81070100A Datasheet
550Kb / 8P
   TheStripe 868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF Connector
logo
Sharp Corporation
PC81100NIP0F SHARP-PC81100NIP0F Datasheet
234Kb / 14P
   DIP 4pin High Speed under High Load Resistance Photocoupler
PC81100NIZ0F SHARP-PC81100NIZ0F Datasheet
234Kb / 14P
   DIP 4pin High Speed under High Load Resistance Photocoupler
More results

Similar Description - PC81.07.0100A.DB

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC27.07.0100A TAOGLAS-PC27.07.0100A Datasheet
252Kb / 8P
   Compatible with Hirose U.FL
PC91.07.0100A.DB TAOGLAS-PC91.07.0100A.DB Datasheet
806Kb / 10P
   compatible with hirose u.fl
RECE-20279-001E.01 TAOGLAS-RECE-20279-001E.01 Datasheet
280Kb / 7P
   IPEX MHF Receptacle Compatible with IPEX MHFII, Hirose U.FL Mating Height: 2.5mm MAX 2,500 pieces per reel
CAB719 TAOGLAS-CAB719 Datasheet
254Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 100mm 1.13 cable
CAB720 TAOGLAS-CAB720 Datasheet
421Kb / 6P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm ??.32 cable
logo
List of Unclassifed Man...
CAB718 ETC2-CAB718 Datasheet
250Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
CAB719 ETC2-CAB719 Datasheet
255Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 100mm 1.13 cable
CAB720 ETC2-CAB720 Datasheet
291Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.32 cable
logo
Taoglas antenna solutio...
CAB718 TAOGLAS-CAB718 Datasheet
248Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
List of Unclassifed Man...
CAB721 ETC2-CAB721 Datasheet
241Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 100mm 1.32 cable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com