Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4038 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4038
Description  Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4038 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4038 Datasheet HTML 1Page - Maxim Integrated Products MAX4038 Datasheet HTML 2Page - Maxim Integrated Products MAX4038 Datasheet HTML 3Page - Maxim Integrated Products MAX4038 Datasheet HTML 4Page - Maxim Integrated Products MAX4038 Datasheet HTML 5Page - Maxim Integrated Products MAX4038 Datasheet HTML 6Page - Maxim Integrated Products MAX4038 Datasheet HTML 7Page - Maxim Integrated Products MAX4038 Datasheet HTML 8Page - Maxim Integrated Products MAX4038 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Low IBIAS, +1.4V/800nA, Rail-to-Rail Op Amps
with +1.2V Buffered Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +3V, VSS = VCM = 0V, VOUT_ = VDD/2, RL to VDD/2, CL = 15pF, TA = +25°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RL = 100k
Ω, 50mV ≤ VOUT ≤ (VDD - 50mV)
80
108
Large-Signal Voltage Gain
AVOL
RL = 5k
Ω, 150mV ≤ VOUT ≤ (VDD - 150mV)
78
105
dB
RL = 100k
25
Output Voltage Swing High
VDD - VOH
RL = 5k
25
50
mV
RL = 100k
25
Output Voltage Swing Low
VOL - VSS
RL = 5k
25
50
mV
Output Short-Circuit Current
ISCO
To VDD or VSS
±13
mA
Gain-Bandwidth Product
GBW
4
kHz
Phase Margin
θM
90
Degrees
Slew Rate
SR
0.4
V/ms
Power-On Time
tON
(Note 3)
0.25
ms
Input Noise-Voltage Density
en
f = 1kHz
500
nV/√
Hz
Capacitive-Load Stability
CLOAD
AVCL = 1V/V, no sustained oscillations
5000
pF
REFERENCE (MAX4037/MAX4039)
Reference Voltage
VREF
1.226
1.232
1.238
V
Line Regulation
∆VREF/
∆VDD
VDD = +1.8V to +3.6V
0.3
%/V
0 ≤ ILOAD ≤ 100µA, sourcing
0.0015
Load Regulation
∆VREF/
∆ILOAD
-20µA ≤ ILOAD ≤ 0, sinking
0.0075
%/µA
Reference Output Voltage Noise
en
0.1Hz to 10Hz
60
µVP-P
Short to VDD
0.25
Output Short-Circuit Current
ISCR
Short to VSS
1.9
mA
Capacitive-Load Stability Range
CLOAD
(Note 1)
0
250
pF
ELECTRICAL CHARACTERISTICS
(VDD = +3V, VSS = VCM = 0V, VOUT_ = VDD/2, RL to VDD/2, CL = 15pF, TA = TMIN to TMAX, unless otherwise specified.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4036/MAX4038, guaranteed by PSRR
test
1.4
3.6
Supply Voltage Range
VDD
MAX4037/MAX4039, guaranteed by PSRR
and line regulation tests
1.8
3.6
V
VDD = 1.4V
1.7
MAX4036
VDD = 3.6V
1.8
VDD = 1.8V
3.1
MAX4037
VDD = 3.6V
3.2
VDD = 1.4V
2.9
MAX4038
VDD = 3.6V
3.2
VDD = 1.8V
5.2
Supply Current
IDD
MAX4039
VDD = 3.6V
5.3
µA


Similar Part No. - MAX4038

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4038 MAXIM-MAX4038 Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX4038AAUA MAXIM-MAX4038AAUA Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX4038EBL-T MAXIM-MAX4038EBL-T Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX4038ETA-T MAXIM-MAX4038ETA-T Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX4038EUA MAXIM-MAX4038EUA Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
More results

Similar Description - MAX4038

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4036 MAXIM-MAX4036_09 Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
   Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Torex Semiconductor
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Torex Semiconductor
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_1 Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com