Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z3V0T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MM5Z3V0T1G
Description  Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM5Z3V0T1G Datasheet(HTML) 3 Page - ON Semiconductor

  MM5Z3V0T1G Datasheet HTML 1Page - ON Semiconductor MM5Z3V0T1G Datasheet HTML 2Page - ON Semiconductor MM5Z3V0T1G Datasheet HTML 3Page - ON Semiconductor MM5Z3V0T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MM5ZxxxT1G Series, SZMM5ZxxxT1G Series
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Device*
Device
Marking
VZ1 (V) @
IZT1 = 5 mA: 2.4 to 24 V
IZT1 = 2 mA: 27 to 75 V
(Note 1)
VZ2 (V) @
IZT2 = 1 mA
(Note 1)
Zener
Impedance
Leakage
Current
QVZ
(mV/k) @ IZT
C
@ VR = 0
f = 1 MHz
ZZT
@ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
Min
Max
W
W
mA
mA
Volts
Min
Max
pF
MM5Z2V4T1G
00
2.2
2.4
2.6
1.7
2.1
100
1000
1.0
50
1.0
−3.5
0
450
MM5Z2V7T1G
01
2.5
2.7
2.9
1.9
2.4
100
1000
1.0
20
1.0
−3.5
0
450
MM5Z3V0T1G
02
2.8
3.0
3.2
2.1
2.7
100
1000
1.0
10
1.0
−3.5
0
450
MM5Z3V3T1G
05
3.1
3.3
3.5
2.3
2.9
95
1000
1.0
5
1.0
−3.5
0
450
MM5Z3V6T1G
06
3.4
3.6
3.8
2.7
3.3
90
1000
1.0
5
1.0
−3.5
0
450
MM5Z3V9T1G
AJ
3.7
3.9
4.2
2.9
3.5
90
1000
1.0
3
1.0
−3.5
0
450
MM5Z4V3T1G
08
4.0
4.3
4.6
3.3
4
90
1000
1.0
3
1.0
−3.5
0
450
MM5Z4V7T1G
09
4.4
4.7
5.0
3.7
4.7
80
800
1.0
3
2.0
−3.5
0.2
260
MM5Z5V1T1G
0A
4.8
5.1
5.4
4.2
5.3
60
500
1.0
2
2.0
−2.7
1.2
225
MM5Z5V6T1G
0C
5.2
5.6
6.0
4.8
6
40
200
1.0
1
2.0
−2.0
2.5
200
MM5Z6V2T1G
0E
5.8
6.2
6.6
5.6
6.6
10
100
1.0
3
4.0
0.4
3.7
185
MM5Z6V8T1G
0F
6.4
6.8
7.2
6.3
7.2
15
160
1.0
2
4.0
1.2
4.5
155
MM5Z7V5T1G
0G
7.0
7.5
7.9
6.9
7.9
15
160
1.0
1
5.0
2.5
5.3
140
MM5Z8V2T1G
0H
7.7
8.2
8.7
7.6
8.7
15
160
1.0
0.7
5.0
3.2
6.2
135
MM5Z9V1T1G
0K
8.5
9.1
9.6
8.4
9.6
15
160
1.0
0.2
7.0
3.8
7.0
130
MM5Z10VT1G
0L
9.4
10
10.6
9.3
10.6
20
160
1.0
0.1
8.0
4.5
8.0
130
MM5Z11VT1G
0M
10.4
11
11.6
10.2
11.6
20
160
1.0
0.1
8.0
5.4
9.0
130
MM5Z12VT1G
0N
11.4
12
12.7
11.2
12.7
25
80
1.0
0.1
8.0
6.0
10
130
MM5Z13VT1G
0P
12.4
13.25
14.1
12.3
14
30
80
1.0
0.1
8.0
7.0
11
120
MM5Z15VT1G
0T
14.3
15
15.8
13.7
15.5
30
80
1.0
0.05
10.5
9.2
13
110
MM5Z16VT1G
0U
15.3
16.2
17.1
15.2
17
40
80
1.0
0.05
11.2
10.4
14
105
MM5Z18VT1G
0W
16.8
18
19.1
16.7
19
45
80
1.0
0.05
12.6
12.4
16
100
MM5Z20VT1G
0Z
18.8
20
21.2
18.7
21.1
55
100
1.0
0.05
14.0
14.4
18
85
MM5Z22VT1G
10
20.8
22
23.3
20.7
23.2
55
100
1.0
0.05
15.4
16.4
20
85
MM5Z24VT1G
11
22.8
24.2
25.6
22.7
25.5
70
120
1.0
0.05
16.8
18.4
22
80
MM5Z27VT1G
12
25.1
27
28.9
25
28.9
80
300
1.0
0.05
18.9
21.4
25.3
70
MM5Z30VT1G
14
28
30
32
27.8
32
80
300
1.0
0.05
21.0
24.4
29.4
70
MM5Z33VT1G
18
31
33
35
30.8
35
80
300
1.0
0.05
23.2
27.4
33.4
70
MM5Z36VT1G
19
34
36
38
33.8
38
90
500
1.0
0.05
25.2
30.4
37.4
70
MM5Z39VT1G
20
37
39
41
36.7
41
130
500
1.0
0.05
27.3
33.4
41.2
45
MM5Z43VT1G
21
40
43
46
39.7
46
150
500
1.0
0.05
30.1
37.6
46.6
40
MM5Z47VT1G
1A
44
47
50
43.7
50
170
500
1.0
0.05
32.9
42.0
51.8
40
MM5Z51VT1G
1C
48
51
54
47.6
54
180
500
1.0
0.05
35.7
46.6
57.2
40
MM5Z56VT1G
1D
52
56
60
51.5
60
200
500
1.0
0.05
39.2
52.2
63.8
40
MM5Z62VT1G
1E
58
62
66
57.4
66
215
500
1.0
0.05
43.4
58.8
71.6
35
MM5Z68VT1G
1F
64
68
72
63.4
72
240
500
1.0
0.05
47.6
65.6
79.8
35
MM5Z75VT1G
1G
70
75
79
69.4
79
255
500
1.0
0.05
52.5
73.4
88.6
35
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.
*Include SZ-prefix devices where applicable.


Similar Part No. - MM5Z3V0T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM5Z3V0T1G ONSEMI-MM5Z3V0T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z3V0T1G ONSEMI-MM5Z3V0T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z3V0T1G ONSEMI-MM5Z3V0T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z3V0T1G ONSEMI-MM5Z3V0T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z3V0T1G ONSEMI-MM5Z3V0T1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
More results

Similar Description - MM5Z3V0T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com