Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD914LT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBD914LT3G
Description  High-Speed Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD914LT3G Datasheet(HTML) 2 Page - ON Semiconductor

  MMBD914LT3G Datasheet HTML 1Page - ON Semiconductor MMBD914LT3G Datasheet HTML 2Page - ON Semiconductor MMBD914LT3G Datasheet HTML 3Page - ON Semiconductor MMBD914LT3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBD914LT1G, SMMBD914LT1G, MMBD914LT3G, SMMBD914LT3G
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(IR = 100 mAdc)
V(BR)
100
Vdc
Reverse Voltage Leakage Current
(VR = 20 Vdc)
(VR = 75 Vdc)
IR
25
5.0
nAdc
mAdc
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CT
4.0
pF
Forward Voltage
(IF = 10 mAdc)
VF
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc) (Figure 1)
trr
4.0
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
Notes: 1. A 2.0 k
W variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
DUT
VR
100
mH
0.1
mF
50
W OUTPUT
PULSE
GENERATOR
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit


Similar Part No. - MMBD914LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD914LT3G ONSEMI-MMBD914LT3G Datasheet
52Kb / 3P
   High?뭆peed Switching Diode
January, 2006 ??Rev. 5
MMBD914LT3G ONSEMI-MMBD914LT3G Datasheet
123Kb / 3P
   High-Speed Switching Diode
August, 2009 ??Rev. 6
MMBD914LT3G ONSEMI-MMBD914LT3G Datasheet
132Kb / 4P
   High-Speed Switching Diode
November, 2011 ??Rev. 7
More results

Similar Description - MMBD914LT3G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com