Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-7900-500E Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-7900-500E
Description  Precision Isolation Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-7900-500E Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-7900-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-7900-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-7900-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-7900-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-7900-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-7900-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-7900-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-7900-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-7900-500E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Avago Technologies
- 11 -
ACPL-790B, ACPL-790A, ACPL-7900
Data Sheet
Typical Performance Plots
Figure 15 SNR, SNDR vs. Temperature
Figure 16 SNR, SNDR vs. Input Voltage
SNR
SNDR
50
52
54
56
58
60
62
64
66
-40
-20
0
20
40
60
80
100
120
TA - TEMPERATURE - °C
V IN+= 300mVpp 10kHz sine wave
SNR
SNDR
50
52
54
56
58
60
62
64
66
100
150
200
250
300
VIN+ - INPUT VOLTAGE - m Vpp
Figure 17 Gain Frequency Response
Figure 18 Phase Frequency Response
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
100
1,000
10,000
100,000
1,000,000
FREQUENCY - Hz
100
1,000
10,000
100,000
1,000,000
FREQUENCY - Hz
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
Figure 19 Propagation Delay, Output Rise/Fall Time vs.
Temperature
Figure 20 Supply Current vs. Input Voltage
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-40
-20
0
20
40
60
80
100
120
tPD90
tPD50
tR/F
tPD10
TA - TEMPERATURE - °C
tPD10, tPD50, tPD90: 200 mV/ s step input; tR/F: step input
IDD1(VDD1 = 5V)
IDD2(VDD2 = 5V)
IDD2(VDD2 = 3.3V)
4
5
6
7
8
9
10
11
12
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
VIN+ - INPUT VOLTAGE - V


Similar Part No. - ACPL-7900-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
More results

Similar Description - ACPL-7900-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-790B-300E AVAGO-ACPL-790B-300E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
logo
PHOENIX CONTACT
2864105 PHOENIX-2864105 Datasheet
441Kb / 10P
   NAMUR isolation amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com