Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C87A-500E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C87A-500E
Description  Precision Optically Isolated Voltage Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C87A-500E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-C87A-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87A-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87A-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87A-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87A-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87A-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87A-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87A-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87A-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Table 3. Insulation and Safety Related Specifications
Parameter
Symbol
Value
Unit
Conditions
Minimum External Air Gap
(External Clearance)
L(101)
8.0
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External
Tracking (External Creepage)
L(102)
8.0
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Plastic Gap
(Internal Clearance)
0.5
mm
Through insulation distance, conductor to conductor,
usually the direct distance between the photoemitter
and photodetector inside the optocoupler cavity
Tracking Resistance
(Comparative Tracking Index)
CTI
> 175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Table 4. IEC/EN/DIN EN 60747-5-5 Insulation Characteristics [1]
Description
Symbol
Value
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 150 Vrms
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 450 V rms
for rated mains voltage ≤ 600 Vrms
for rated mains voltage ≤ 1000 Vrms
I-IV
I-IV
I-IV
I-IV
I-III
Climatic Classification
55/105/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage (Pending Qualification)
VIORM
1414
Vpeak
Input to Output Test Voltage, Method b
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, Partial Discharge < 5 pC
VPR
2652
Vpeak
Input to Output Test Voltage, Method a
VIORM x 1.6 = VPR, Type and Sample Test, tm = 10 sec, Partial Discharge < 5 pC
VPR
2262
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage, tini = 60 sec)
VIOTM
8000
Vpeak
Safety-limiting values (Maximum values allowed in the event of a failure)
Case Temperature
Input Current [2]
Output Power [2]
TS
IS,INPUT
PS,OUTPUT
175
230
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥ 109
Notes:
1. Insulation characteristics are guaranteed only within the safety maximum ratings, which must be ensured by protective circuits within the
application.


Similar Part No. - ACPL-C87A-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87A-500E AVAGO-ACPL-C87A-500E Datasheet
128Kb / 14P
   Precision Optically Isolated Voltage Sensor
More results

Similar Description - ACPL-C87A-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87B-000E AVAGO-ACPL-C87B-000E Datasheet
559Kb / 14P
   Precision Optically Isolated Voltage Sensor
logo
Broadcom Corporation.
ACPL-C87B BOARDCOM-ACPL-C87B Datasheet
1Mb / 16P
   Precision Optically Isolated Voltage Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87B AVAGO-ACPL-C87B Datasheet
128Kb / 14P
   Precision Optically Isolated Voltage Sensor
ACPL-C87A-000E AVAGO-ACPL-C87A-000E Datasheet
150Kb / 14P
   Precision Optically Isolated Voltage Sensor
logo
Broadcom Corporation.
ACNT-H87B BOARDCOM-ACNT-H87B Datasheet
1Mb / 15P
   Precision Optically Isolated Voltage Sensor in a 15-mm Stretched SO-8 Package
logo
IXYS Corporation
LIA135 IXYS-LIA135 Datasheet
252Kb / 13P
   Low Voltage Optically Isolated Error Amplifiers
logo
Fairchild Semiconductor
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com