Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ5926B Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMBJ5926B
Description  Surface mount zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMBJ5926B Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SMBJ5926B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMBJ5926B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMBJ5926B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMBJ5926B Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMBJ5926B Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Production specification
Surface mount zener diode
SMBJ5913B--SMBJ5956B
Document Number : SMB501AA
www.gmicroelec.com
4
PACKAGE OUTLINE DIMENSIONS
SOLDERING FOOTPRINT
Unit :mm
PACKAGE INFORMATION
Device
Package
Shipping
SMBJ5931B-SMBJ5956B DO-214AA(SMB)
3000/Tape&Reel
DO-214AA(SMB)
Dim
Min
Max
A
4.30
4.70
B
3.30
3.70
C
2.00
2.30
D
5.05
5.55
E
0.10
0.30
F
0.95
1.55
G
0.20MAX
H
2.10
2.50
I
1.85
2.15
All Dimensions in mm
A
D
F


Similar Part No. - SMBJ5926B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5926B JGD-SMBJ5926B Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
logo
Shenzhen Luguang Electr...
SMBJ5926B LUGUANG-SMBJ5926B Datasheet
156Kb / 2P
   Zener Diodes
logo
Micro Commercial Compon...
SMBJ5926B MCC-SMBJ5926B Datasheet
264Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5926B MCC-SMBJ5926B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5926BHE3 MCC-SMBJ5926BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
More results

Similar Description - SMBJ5926B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com