Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





MC10EP11 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC10EP11
Description  3.3V / 5V ECL 1:2 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 5 page
background image
MC10EP11, MC100EP11
http://onsemi.com
5
AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 21)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figure 2)
> 3
> 3
> 3
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
CLK to Q, Q
140
200
250
160
220
270
180
240
300
ps
tSKEW
Within Device Skew
Q0, Q1 (Note 22)
Device−to−Device Skew
10
15
110
15
20
110
20
25
120
ps
tJITTER
Random Clock Jitter (RMS)
(See Figure 2)
0.2
< 1
0.2
< 1
0.2
< 1
ps
VINPP
Input Voltage Swing Sensitivity
(Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%) @ 1.0 GHz
70
120
170
80
130
180
90
150
200
ps
21. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V.
22. Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays
are measured from the cross point of the inputs to the cross point of the outputs.
0
100
200
300
400
500
600
700
800
900
0
1000
2000
3000
1
2
3
4
5
6
7
8
9
Figure 2. Output Voltage Amplitude (VOUTPP) RMS Jitter vs. Input Clock Frequency at Ambient Temperature
INPUT FREQUENCY (MHz)




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NB6L11M2.5V / 3.3V 1:2 Differential CML Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
NB6L6112.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC10EL11_065.0 V ECL 1:2 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC100E2105V ECL Dual 1:4 1:5 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC100E3105V ECL Low Voltage 2:8 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC100EP053.3V / 5V ECL 2-Input Differential AND/NAND 1 2 3 4 5 MoreON Semiconductor
MC10E411_065V ECL 1:9 Differential PECL/NECL RAMBus Clock Buffer 1 2 3 4 5 MoreON Semiconductor
MC10EP05_063.3V / 5V ECL 2−Input Differential AND/NAND 1 2 3 4 5 MoreON Semiconductor
NB6L142.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC100EP16F3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl