Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-302J Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-302J
Description  High Noise Immunity
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-302J Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-302J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-302J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-302J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-302J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-302J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-302J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-302J Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-302J Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-302J Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Unit
Conditions
Minimum External Air Gap
(External Clearance)
L(101)
8.3
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External Tracking
(External Creepage)
L(102)
8.3
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.5
mm
Through insulation distance conductor to conductor,
usually the straight line distance thickness between
the emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
> 175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110)
Absolute Maximum Ratings
Unless otherwise specified, all voltages at input IC reference to VEE1, all voltages at output IC reference to VEE2.
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
105
°C
1
IC Junction Temperature
TJ
125
°C
Average Input Current
IF(AVG)
20
mA
Peak Transient Input Current
(< 1
ms pulse width, 300 pps)
IF(TRAN)
1
A
Reverse Input Voltage (VCA-VAN)
VR
6
V
Primary Switch Voltage
VSW
36
V
Input Supply Voltage
VCC1
-0.5
26
V
33
/UVLO Pin Voltage
V/UVLO
-0.5
6
V
/Fault Pin Voltage
V/FAULT
-0.5
6
V
/Fault Output Current (Sinking)
I/FAULT
10
mA
/UVLO Output Current (Sinking)
I/UVLO
10
mA
Output Supply Voltage
VCC2 - VEE2
-0.5
25
V
Negative Output Supply Voltage
VEE2 - VE
-10
0.5
V
2
Positive Output Supply Voltage
VCC2 - VE
-0.5
25
V
Gate Drive Output Voltage
Vo(peak) - VEE2
-0.5
VCC2+0.5
V
Miller Clamping Pin Voltage
VCLAMP - VEE2
-0.5
VCC2+0.5
V
Desat Voltage
VDESAT - VE
– 0.5
10
V
3
Peak Output Current
|IO(peak)|
2.5
A
4
Output IC Power Dissipation
PO
580
mW
1
Input IC Power Dissipation
PI
180
mW
9


Similar Part No. - ACPL-302J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-312T AVAGO-ACPL-312T Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-000E AVAGO-ACPL-312T-000E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-300E AVAGO-ACPL-312T-300E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
   2.0 A minimum peak output current
ACPL-3130 AVAGO-ACPL-3130 Datasheet
552Kb / 20P
   Very High CMR 2.5 Amp Output Current IGBT Gate Driver Optocoupler
More results

Similar Description - ACPL-302J

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
U74ACT32G-P14-R UTC-U74ACT32G-P14-R Datasheet
188Kb / 4P
   High Noise Immunity
U74HC148G-P16-R UTC-U74HC148G-P16-R Datasheet
189Kb / 6P
   High Noise Immunity
logo
NXP Semiconductors
BT139B PHILIPS-BT139B Datasheet
50Kb / 6P
   Triacs high noise immunity
October 1997 Rev 1.100
logo
Panasonic Semiconductor
JQ1P-B-24V PANASONIC-JQ1P-B-24V Datasheet
109Kb / 7P
   High electrical noise immunity
logo
NXP Semiconductors
BT139H PHILIPS-BT139H Datasheet
49Kb / 6P
   Triacs high noise immunity
September 1997 Rev 1.200
BT139 PHILIPS-BT139 Datasheet
45Kb / 6P
   Triacs high noise immunity
September 1997 Rev 1.200
BT139BH PHILIPS-BT139BH Datasheet
54Kb / 6P
   Triacs high noise immunity
March 1997 Rev 1.000
logo
Unisonic Technologies
UOT406 UTC-UOT406_15 Datasheet
121Kb / 3P
   ENHANCED NOISE IMMUNITY
logo
COSMO Electronics Corp...
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
   High Noise Immunity, 2.5A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com