Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-337J Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-337J
Description  Rail-to-rail output voltage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-337J Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-337J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Table 5. Electrical Specifications (DC)
Unless otherwise noted, all typical values at TA = 25 °C, VCC1 = 5 V, VCC2 – VEE2 = 30 V, VE – VEE2 = 0 V; all Minimum/
Maximum specifications are at Recommended Operating Conditions.
Parameter
Symbol
Min.
Typ.
Max. Units
Test Conditions
Fig. Note
Logic Low Input Voltage
VIN+L
0.8
V
25
Logic High Input Voltage
VIN+H
2
V
25
Logic High LED Driver Output RDS(ON) RLEDDRVH 5.5
13.5
24
W
ILEDDRV = -10 mA, VIN+ = 5 V 25
Logic Low LED Driver Output Voltage VLEDDRVL 0.2
0.4
0.8
V
ILEDDRV = 2.4 mA, VIN+ = 0 V 25
Input Low Supply Current
ICC1L
3
6
mA
IF = 0 mA, VIN+ = 0 V
1
Input High Supply Current
ICC1H
3
6
mA
IF = 10 mA, VIN+=0 V
1
13
16
mA
ILEDDRV = 10 mA , VIN+=5 V
Output Low Supply Current
ICC2L
4.3
6.5
mA
IF = 0 mA
2, 3
Output High Supply Current
ICC2H
5.4
7.5
mA
IF = 10 mA
2, 3
LED Forward Voltage
VF
1.2
1.55
1.95
V
IF =10 mA
4
Temperature Coefficient of Input
Forward Voltage
ΔVF/ΔTA
-1.7
mV/
°C IF = 10 mA
LED Reverse Breakdown Voltage
VBR
5
V
IF = 10 µA
Input Capacitance
CIN
70
pF
LED Turn on Current Threshold Low
to High
ITH+
0.25
2
6
mA
VOUT = 5 V
LED Turn on Current Threshold High
to Low
ITH-
0.15
1.5
5.5
mA
VOUT = 5 V
LED Turn on Current Hysteresis
ITH_HYS
0.5
mA
High Level Output Current
IOH
-3
-4.0
A
VCC2 - VOUT =15 V
5
1
Low Level Output Current
IOL
3
3.5
A
VOUT - VEE = 15 V
6
1
High Output Transistor RDS(ON)
RDS,OH
0.5
2.3
4.5
W
IOH = -3 A
5
2
Low Output Transistor RDS(ON)
RDS,OL
0.2
1.4
3.6
W
IOL = 3 A
6
2
Low Level Output Current During
Fault Condition
IOLF
55
115
170
mA
VOUT - VEE = 14 V
9
3
High Level Output Voltage
VOH
VCC2– 0.5 VCC2 – 0.15
V
IOUT = -100 mA
7
4, 5, 6
Low Level Output Voltage
VOL
0.1
0.5
V
IOUT = 100 mA
8
Clamp Threshold Voltage
VTH_CLAMP
2
3
V
Clamp Low Level Sinking Current
ICLAMP
0.75
1.9
A
VCLAMP = VEE + 2.5
Clamp Output Transistor RDS(ON)
RDS,CLAMP
1.1
3.5
W
ICLAMP = 1 A
VCC2 UVLO Threshold Low to High
VUVLO+
11
12.5
13.7
V
VOUT > 5 V
4, 6, 7
VCC2 UVLO Threshold High to Low
VUVLO-
10.1
11.3
12.8
V
VOUT < 5 V
4, 6, 8
VCC2 UVLO Hysteresis
VUVLO_HYS 0.4
1.2
V
DESAT Detection Threshold
VDESAT
6.2
7
7.8
V
10
6
DESAT Charging Current
ICHG
0.6
1.0
1.2
mA
VDESAT = 2 V
11
6, 9
DESAT Discharging Current
IDSCHG
20
58
mA
VDESAT = 8 V
12
FAULT Logic Low Output Current
IFAULT_L
4
9.0
mA
VFAULT = 0.4 V
FAULT Logic High Output Current
IFAULT_H
20
µA
VFAULT = 5 V
UVLO Logic Low Output Current
IUVLO_L
4
9.0
mA
VUVLO = 0.4 V
UVLO Logic High Output Current
IUVLO_H
20
µA
VUVLO = 5 V
Notes:
1. Maximum pulse width = 10 µs.
2. Output is sourced at -3.0 A/3.0 A with a maximum pulse width = 10 µs.
3. For further details, see the description of operation during DESAT fault condition section in the application notes.
4. 15 V is the recommended minimum operating positive supply voltage (VCC2 – VE) to ensure adequate margin in excess of the maximum VUVLO+
threshold of 13.7 V. For High Level Output Voltage testing, VOH is measured with a DC load current. When driving capacitive loads, VOH will
approach VCC as IOH approaches zero.
5. Maximum pulse width = 1.0 ms.
6. Once VOUT of ACPL-337J is allowed to go High (VCC2 – VE > VUVLO+), the DESAT detection feature of the ACPL-337J will be
the primary source of IGBT protection. UVLO is needed to ensure DESAT is functional. Once VCC2 exceeds VUVLO+ threshold,
DESAT will remain functional until VCC2 is below VUVLO- threshold. Thus, the DESAT detection and UVLO features of the
ACPL-337J work in conjunction to ensure constant IGBT protection.
7. This is the “increasing” (i.e. turn-on or “positive going” direction) of VCC2 – VE.
8. This is the “decreasing” (i.e. turn-off or “negative going” direction) of VCC2 – VE.
9. For further details, see the DESAT fault detection blanking time section in the applications notes.


Similar Part No. - ACPL-337J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-330J AVAGO-ACPL-330J Datasheet
302Kb / 22P
   Fault Feedback, Active Miller Clamp and Auto-Fault Reset
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-332J AVAGO-ACPL-332J Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
More results

Similar Description - ACPL-337J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3410 AVAGO-ACNW3410 Datasheet
1Mb / 15P
   Rail-to-rail output voltage
logo
Silicon Laboratories
SI826X SILABS-SI826X Datasheet
1Mb / 40P
   Rail-to-rail output voltage
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3430 AVAGO-ACNW3430 Datasheet
1Mb / 16P
   Rail-to-rail output voltage
ACPL-336J AVAGO-ACPL-336J Datasheet
825Kb / 18P
   Rail-to-rail output voltage
ACPL-P346 AVAGO-ACPL-P346 Datasheet
361Kb / 16P
   Rail-to-rail output voltage
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
   Rail-to-rail output
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com