Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-P346 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P346
Description  Rail-to-rail output voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P346 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-P346 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Table 6. Switching Specifications (AC)
All typical values are at TA = 25 °C, VCC - VEE = 10 V, VEE = Ground. All minimum and maximum specifications are at rec-
ommended operating conditions (TA = -40 to 105 °C, IF(ON) = 7 to 11 mA, VF(OFF) = -3.6 to 0.8 V, VEE = Ground), unless
otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay Time to
High Output Level
tPLH
30
55
120
ns
Rg = 10 Ω,
Cg = 10 nF,
f = 200 kHz ,
Duty Cycle = 50%,
VCC = 10V
14, 15,
16, 17
Propagation Delay Time to Low
Output Level
tPHL
30
55
120
ns
Pulse Width Distortion
PWD
0
50
ns
9
Propagation Delay Difference
Between Any Two Parts
PDD
(tPHL - tPLH)
-50
50
ns
24, 25
10
Propagation Delay Skew
tPSK
40
ns
11
Rise Time
tR
8
30
ns
Cg = 1 nF,
f = 200 kHz ,
Duty Cycle = 50%,
VCC = 10V
18, 20
Fall Time
tF
8
30
ns
Output High Level Common
Mode Transient Immunity
|CMH|
50
70
kV/µs
TA = 25 °C, IF = 9 mA,
VCC = 20 V, VCM = 1500 V
with split resistors
21
12, 13
Output Low Level Common
Mode Transient Immunity
|CML|
50
70
kV/µs
TA = 25°C, VF = 0 V,
VCC = 20 V, VCM = 1500 V
with split resistors
14, 15
Table 7. Package Characteristics
All typical values are at TA = 25 °C. All minimum/maximum specifications are at recommended operating conditions,
unless otherwise noted.
Parameter
Symbol
Device
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
Withstand Voltage*
VISO
ACPL-P346
3750
VRMS
RH < 50%,
t = 1 min., TA = 25 °C
15,17
ACPL-W346
5000
VRMS
RH < 50%,
t = 1 min., TA = 25 °C
16,18
Input-Output Resistance
RI-O
>5012
VI-O = 500 VDC
17
Input-Output Capacitance
CI-O
0.6
pF
f =1 MHz
LED-to-Ambient
Thermal Resistance
R11
135
°C/W
18
LED-to-Detector
Thermal Resistance
R12
27
Detector-to-LED
Thermal Resistance
R21
39
Detector-to-Ambient
Thermal Resistance
R22
47
* The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating, refer to your equipment level safety specification or Avago Technologies Application Note 1074
entitled “Optocoupler Input-Output Endurance Voltage.”


Similar Part No. - ACPL-P346

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P346 BOARDCOM-ACPL-P346 Datasheet
1Mb / 20P
   2.5-Amp Output Current Power, GaN and SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output
More results

Similar Description - ACPL-P346

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3410 AVAGO-ACNW3410 Datasheet
1Mb / 15P
   Rail-to-rail output voltage
ACPL-337J AVAGO-ACPL-337J Datasheet
835Kb / 18P
   Rail-to-rail output voltage
logo
Silicon Laboratories
SI826X SILABS-SI826X Datasheet
1Mb / 40P
   Rail-to-rail output voltage
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3430 AVAGO-ACNW3430 Datasheet
1Mb / 16P
   Rail-to-rail output voltage
ACPL-336J AVAGO-ACPL-336J Datasheet
825Kb / 18P
   Rail-to-rail output voltage
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
   Rail-to-rail output
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com