Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W346 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W346
Description  Rail-to-rail output voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W346 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-W346 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-W346 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-W346 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W346 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W346 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W346 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W346 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W346 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-W346 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Table 5. Electrical Specifications (DC)
All typical values are at TA = 25 °C, VCC - VEE = 10 V, VEE = Ground. All minimum and maximum specifications are at recom-
mended operating conditions (TA = -40 to 105 °C, IF(ON) = 7 to 11 mA, VF(OFF) = -3.6 to 0.8 V, VEE = Ground , VCC = 10 to
20 V), unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
High Level Peak Output Current
IOH
-2.0
-3.4
A
VCC – VO = 10 V
3, 4
5
Low Level Peak Output Current
IOL
2.0
4.4
A
VO - VEE = 10 V
6, 7
5
High Output Transistor RDS(ON)
RDS,OH
0.3
1.7
3.5
IOH = -2.0 A
8
6
Low Output Transistor RDS(ON)
RDS,OL
0.3
0.7
2.0
IOL = 2.0 A
9
6
High Level Output Voltage
VOH
Vcc-0.3
Vcc – 0.2
V
IO = -100 mA,
IF = 9 mA
2, 4
7, 8
High Level Output Voltage
VOH
Vcc
V
IO = 0 mA,
IF = 9 mA
1
Low Level Output Voltage
VOL
0.1
0.25
V
IO = 100 mA
5, 7
High Level Supply Current
ICCH
2.6
4.0
mA
IF = 9 mA
10,
11
Low Level Supply Current
ICCL
2.6
4.0
mA
VF = 0V
Threshold Input Current
Low to High
IFLH
0.5
1.5
4.0
mA
VO > 5 V
12,
13
Threshold Input Voltage
High to Low
VFHL
0.8
V
Input Forward Voltage
VF
1.2
1.55
1.95
V
IF = 9 mA
19
Temperature Coefficient
of Input Forward Voltage
ΔVF/ΔTA
-1.7
mV/°C
Input Reverse Breakdown
Voltage
BVR
5
V
IR = 100 mA
Input Capacitance
CIN
70
pF
f = 1 MHz, VF = 0 V
UVLO Threshold
VUVLO+
8.1
8.6
9.1
V
VO > 5 V, IF = 9 mA
VUVLO-
7.1
7.6
8.1
UVLO Hysteresis
UVLOHYS
0.5
1.0
V


Similar Part No. - ACPL-W346

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-W346 BOARDCOM-ACPL-W346 Datasheet
1Mb / 20P
   2.5-Amp Output Current Power, GaN and SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output
More results

Similar Description - ACPL-W346

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3410 AVAGO-ACNW3410 Datasheet
1Mb / 15P
   Rail-to-rail output voltage
ACPL-337J AVAGO-ACPL-337J Datasheet
835Kb / 18P
   Rail-to-rail output voltage
logo
Silicon Laboratories
SI826X SILABS-SI826X Datasheet
1Mb / 40P
   Rail-to-rail output voltage
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3430 AVAGO-ACNW3430 Datasheet
1Mb / 16P
   Rail-to-rail output voltage
ACPL-336J AVAGO-ACPL-336J Datasheet
825Kb / 18P
   Rail-to-rail output voltage
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
   Rail-to-rail output
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com